Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3713Q Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH3713Q Datasheet HTML 2Page - Diodes Incorporated AH3713Q Datasheet HTML 3Page - Diodes Incorporated AH3713Q Datasheet HTML 4Page - Diodes Incorporated AH3713Q Datasheet HTML 5Page - Diodes Incorporated AH3713Q Datasheet HTML 6Page - Diodes Incorporated AH3713Q Datasheet HTML 7Page - Diodes Incorporated AH3713Q Datasheet HTML 8Page - Diodes Incorporated AH3713Q Datasheet HTML 9Page - Diodes Incorporated AH3713Q Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
6 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Typical Operating Characteristics
Supply Current
Reverse Supply Current
Output Switch On Voltage
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
Operation Current vs. Supply Voltage
TA = +25°C
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
150
175
Temperature (℃)
3V
12V
27V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Supply Voltage (V)
TA = +25°C
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-50
-25
0
25
50
75
100
125
150
175
Temperature (℃)
-3V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
Supply Voltage (V)
TA = +25°C
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-50
-25
0
25
50
75
100
125
150
175
Temperature (℃)
Reverse Supply Current vs. Supply Voltage
Reverse Supply Current vs. Temperature
-18V
-12V
Output ON Voltage vs. Temperature
Output ON Voltage vs. Supply Voltage
3V
12V
27V
Operation Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com