Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3713Q Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AH3713Q
Description  AUTOMOTIVE HIGH-VOLTAGE HALL-EFFECT LATCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3713Q Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AH3713Q Datasheet HTML 11Page - Diodes Incorporated AH3713Q Datasheet HTML 12Page - Diodes Incorporated AH3713Q Datasheet HTML 13Page - Diodes Incorporated AH3713Q Datasheet HTML 14Page - Diodes Incorporated AH3713Q Datasheet HTML 15Page - Diodes Incorporated AH3713Q Datasheet HTML 16Page - Diodes Incorporated AH3713Q Datasheet HTML 17Page - Diodes Incorporated AH3713Q Datasheet HTML 18Page - Diodes Incorporated AH3713Q Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Document number: DS46067 Rev. 1 - 2
15 of 19
www.diodes.com
October 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
AH3713Q/AH3714Q/AH3715Q
AH3716Q/AH3717Q
Package Outline Dimensions (All dimensions in mm.)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SOT23 (Type S)
SOT23 (Type S)
Dim
Min
Max
Typ
A1
0.013
0.10
0.05
A2
0.90
1.025
1.00
A3
0.375
0.425
0.40
b
0.37
0.51
0.40
c
0.10
0.18
0.125
D
2.80
3.00
2.90
E
2.30
2.50
2.40
E1
1.20
1.40
1.30
e
0.89
1.03
0.915
e1
1.78
2.05
1.83
F
0.45
0.60
0.535
L1
0.45
0.61
0.55
L
0.25
0.55
0.40
a
0°
8°
--
All Dimensions in mm
1.4/1.5
Hall Sensor
PART
MARKING
SURFACE
Min/Max
Pin1
Die
Sensor Location
b
E1
E
e
F
e1
A2
A1
A3
c
a
L
L1
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com