Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVG612AS-T Datasheet(PDF) 2 Page - International Rectifier

Part # PVG612AS-T
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612AS-T Datasheet(HTML) 2 Page - International Rectifier

  PVG612AS-T Datasheet HTML 1Page - International Rectifier PVG612AS-T Datasheet HTML 2Page - International Rectifier PVG612AS-T Datasheet HTML 3Page - International Rectifier PVG612AS-T Datasheet HTML 4Page - International Rectifier PVG612AS-T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVG612A & PbF
www.irf.com
3
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current
(see figure 1)
5.0
mA
Maximum Control Current for Off-State Resistance
@ TA = +25°C
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 6)
5.0 - 25
mA
Maximum Reverse Voltage (1mA max.)
6.0
V
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±60
V(DC or AC peak)
Maximum Continuous Load Current
@ TA = +40°C, 10mA Control
(see figure 1)
A Connection
2.0
A (AC or DC)
B Connection
2.5
A (DC)
C Connection
4.0
A (DC)
Maximum Pulsed Load Current
@ TA =+25°C (100 ms @ 10% Duty Cycle)
A Connection
7.5
A (AC or DC)
B Connection
8.5
A (DC)
C Connection
15.5
A (DC)
Typical Thermal Resistance (Rthja, Junction-to-Ambient)
A Connection
79.1
(°C/W)
B Connection
112.2
(°C/W)
C Connection
81.0
(°C/W)
Maximum On-State Resistance
@TA =+25°C
For 1A pulsed load, 10mA Control (see figure 4)
A Connection
100
m
Ω
B Connection
50
m
Ω
C Connection
35
m
Ω
Maximum Off-State Leakage
@ 60V, TA =+25°C
1.0
µΑ
Maximum Turn-On Time
@TA =+25°C (see figures 7 & 8)
For 500mA, 50VDC load, 10mA Control, 10mS pulse width
3.5
ms
Maximum Turn-Off Time
@TA =+25°C (see figures 7 & 8)
For 500mA, 50VDC load, 10mA Control, 10mS pulse width
0.5
ms
Typical Output Capacitance
@ Vdd=50V, f=1MHz (see figure 2)
105
pF
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance,
Input-Output, @TA =+25°C, 50%RH, 100VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature
(10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com