Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVG612AS-T Datasheet(PDF) 4 Page - International Rectifier

Part # PVG612AS-T
Description  Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612AS-T Datasheet(HTML) 4 Page - International Rectifier

  PVG612AS-T Datasheet HTML 1Page - International Rectifier PVG612AS-T Datasheet HTML 2Page - International Rectifier PVG612AS-T Datasheet HTML 3Page - International Rectifier PVG612AS-T Datasheet HTML 4Page - International Rectifier PVG612AS-T Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series PVG612A & PbF
www.irf.com
5
90%
10%
I
ILED
D
tdly
ton
toff
Figure 7. Typical Delay Times
Figure 8. Delay Time Definitions
-35
-15
5
25
45
65
85
105
100
30
10
3.0
1.0
0.3
0.1
16
20
12
8
4
0
0.5
1.0
1.5
2.0
0
not exceeded
CAUTION: provide current limiting
so that 25 mA maximum steady-
state control current rating is
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics (Current Controlled)
0.01
0.10
1.00
10.00
0
5
10
15
20
Ton
Tdly
Toff
Ambient Temperature (oC)
LED Forward Voltage Drop (Volts DC)
ILED (mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com