Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4382IPFBT Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # SRC4382IPFBT
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

SRC4382IPFBT Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button SRC4382IPFBT Datasheet HTML 3Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 4Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 5Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 6Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 7Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 8Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 9Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 10Page - Burr-Brown (TI) SRC4382IPFBT Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: I2C Standard and Fast Modes
SRC4382
SBFS030B – JANUARY 2006 – REVISED APRIL 2006
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4382
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: I2C Standard Mode(1)
SCL Clock Frequency, fSCL
0
100
kHz
Hold Time Repeated START Condition, tHDSTA
4
µs
Low Period of SCL Clock, tLOW
4.7
µs
High Period of SCL Clock, tHIGH
4
µs
Setup Time Repeated START Condition, tSUSTA
4.7
µs
Data Hold Time, tHDDAT
0(2)
3.45(3)
µs
Data Setup Time, tSUDAT
250
ns
Rise Time for Both SDA and SDL, tR
1000
ns
Fall Time for Both SDA and SDL, tF
300
ns
Setup Time for STOP Condition, tSUSTO
4
µs
Bus Free Time Between START and STOP, tBUF
4.7
µs
Capacitive Load for Each Bus Line, CB
400
pF
Noise Margin at Low Level (including hysteresis), VNL
0.1 × VIO
V
Noise Margin at High Level (including hysteresis), VNH
0.2 × VIO
V
HOST INTERFACE: I2C Fast Mode(1)
SCL Clock Frequency, fSCL
0
400
kHz
Hold Time Repeated START Condition, tHDSTA
0.6
µs
Low Period of SCL Clock, tLOW
1.3
µs
High Period of SCL Clock, tHIGH
0.6
µs
Setup Time Repeated START Condition, tSUSTA
0.6
µs
Data Hold Time, tHDDAT
0(2)
0.9(3)
µs
Data Setup Time, tSUDAT
100(4)
ns
Rise Time for Both SDA and SDL, tR
20 + 0.2CB(5)
300
ns
Fall Time for Both SDA and SDL, tF
20 + 0.2CB(5)
300
ns
Setup Time for STOP Condition, tSUSTO
0.6
µs
Bus Free Time Between START and STOP, tBUF
1.3
µs
Spike Pulse Width Suppressed by Input Filter, tSP
0
50
ns
Capacitive Load for Each Bus Line, CB
400
pF
Noise Margin at Low Level (including hysteresis), VNL
0.1 × VIO
V
Noise Margin at High Level (including hysteresis), VNH
0.2 × VIO
V
(1)
All values referred to the VIH minimum and VIL maximum levels listed in the Digital I/O Characteristics section of the Electrical
Characteristics: General, SRC, DIR, and DIT table.
(2)
A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH minimum input level) to bridge the
undefined region of the falling edge of SCL.
(3)
The maximum tHDDAT has only to be met if the device does not stretch the Low period (tLOW) of the SCL signal.
(4)
A Fast mode I2C bus device can be used in a Standard mode I2C bus system, but the requirement that tSUDAT be 250ns minimum must
then be met. For the SRC4382, this is automatically the case, since the device does not stretch the Low period of the SCL signal.
(5)
CB is defined as the total capacitance of one bus line in picofarads (pF). If mixed with High-Speed mode devices, faster fall times are
allowed.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com