Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZF2002 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 45Page - NXP Semiconductors SZF2002 Datasheet HTML 46Page - NXP Semiconductors SZF2002 Datasheet HTML 47Page - NXP Semiconductors SZF2002 Datasheet HTML 48Page - NXP Semiconductors SZF2002 Datasheet HTML 49Page - NXP Semiconductors SZF2002 Datasheet HTML 50Page - NXP Semiconductors SZF2002 Datasheet HTML 51Page - NXP Semiconductors SZF2002 Datasheet HTML 52Page - NXP Semiconductors SZF2002 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
1998 Aug 26
49
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
18.3.1
INTERRUPT ENABLE REGISTER 0 (IEN0)
Bit values: 0 = interrupt disabled; 1 = interrupt enabled.
Table 38 Interrupt Enable Register 0 (SFR address A8H)
Table 39 Description of IEN0 bits
18.3.2
INTERRUPT ENABLE REGISTER 1 (IEN1)
Bit values: 0 = interrupt disabled; 1 = interrupt enabled.
Table 40 Interrupt Enable Register 1 (SFR address E8H)
Table 41 Description of IEN1 bits
76543210
EA
ET2
ES1
ES0
ET1
EX1
ET0
EX0
BIT
SYMBOL
DESCRIPTION
7EA
General enable/disable control. If EA = 0, no interrupt is enabled; if EA = 1, any
individually enabled interrupt will be accepted.
6
ET2
enable T2 interrupt
5
ES1
enable I2C-bus interrupt
4
ES0
enable UART SIO interrupt
3
ET1
enable Timer 1 interrupt (T1)
2
EX1
enable external interrupt 1
1
ET0
enable Timer 0 interrupt (T0)
0
EX0
enable external interrupt 0
76543210
EAD
EX8
EX7
EX6
EX5
EX4
EX3
EX2
BIT
SYMBOL
DESCRIPTION
7
EAD
enable ADC interrupt (external interrupt 9)
6
EX8
enable external interrupt 8
5
EX7
enable external interrupt 7
4
EX6
enable external interrupt 6
3
EX5
enable external interrupt 5
2
EX4
enable external interrupt 4
1
EX3
enable external interrupt 3
0
EX2
enable external interrupt 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com