Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4533 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4533
Description  Audio Codec with Touch Screen Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4533 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4533 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4533 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
[ASAHI KASEI]
<Revision 0.9a>
July 00
4
No.
Signal Name
I/O
Description
Audio & Touch Panel Control I/F
3
CS
I
Control Data Chip Select
When read/write Touch Screen/Audio Control Data, set CS pin to “H”.
Read/Write operation requires 16 CCLK cycles. CS pin must be set to “L”
once per one Read/Write operation.
4
CCLK
I
Audio/Touch Screen Data Control Clock Input
Clock signal used for Touch Screen/Audio control I/F.
5
CDTI
I
Touch Screen/Audio Control Data Input
Control data is input to CDTI pin. The device latches data at the rising edge
of CCLK.
6
CDTO
O
Touch Screen/Audio Control Data Output
Control data is output through CDTO pin. The device outputs data at the
falling edge of CCLK.
Touch Screen & watch Power-supply
34
TPVREFIN
I
Touch Screen Reference Voltage Input
The TPVREFIN voltage is referenced as full scale of Touch Screen A/D
converter(TSADC)
This pin should be connected to 4.7uF and 0.1uF capacitors. Note that
maximum voltage is VA.
35
BTI_1
I
Battery level check Input_1
Note that maximum voltage is VA.
36
BTI_2
I
Battery level check Input_2
Note that maximum voltage is VA.
38
TSX_TOP
I/O
Touch Screen X_ TOP plate Voltage supply
Measurement of the position on X axis: This pin supplies the voltage to the
top side of the touch screen(normal mode -> VA, reverse mode -> AGND)
Measurement of the position on Y axis: The Input to Touch Screen A/D
converter(TSADC)
Powerdown Mode : OPEN
Pen Waiting Mode: OPEN
39
TSX_BTM
I/O
Touch Screen X_ BOTTOM plate Voltage supply
Measurement of the position on X axis: This pin supplies the voltage to the
bottom side of the touch screen(normal mode -> AGND, reverse mode ->
VA)
Measurement of the position on Y axis: OPEN
Powerdown Mode : OPEN
Pen Waiting Mode: This pin is connected to AGND through the resister.
42
TSY_TOP
I/O
Touch Screen Y_ TOP plate Voltage supply
Measurement of the position on Y axis: This pin supplies the voltage to the
top side of the touch screen(normal mode -> VA, reverse mode -> AGND)
Measurement of the position on X axis: The Input to Touch Screen A/D
converter(TSADC)
Powerdown Mode : OPEN
Pen Waiting Mode: OPEN
43
TSY_BTM
I/O
Touch Screen Y_ BOTTOM plate Voltage supply
Measurement of the position on Y axis: This pin supplies the voltage to the
bottom side of the touch screen(normal mode -> AGND, reverse mode ->
VA)
Measurement of the position on X axis: OPEN
Powerdown Mode : OPEN
Pen Waiting Mode: Supplies VA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com