Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4533 Datasheet (PDF) - Asahi Kasei Microsystems

AK4533 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4533
Download  AK4533 Download
File Size   455.78 Kbytes
Page   40 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Audio Codec with Touch Screen Controller

AK4533 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4533 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4533
Download  AK4533 Click to download

File Size   455.78 Kbytes
Page   40 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description Audio Codec with Touch Screen Controller

AK4533 Datasheet (HTML) - Asahi Kasei Microsystems


AK4533 Product details

[General Description]
The AK4533 is audio codec with touch screen controller. The AK4533 incorporates several functions into one-chip; the position detection of the touch screen, the measurement of battery voltage, the record of the voice, and the playback of audio data.

Featues
[ADC]
• 1ch mono16-bit ADC (For Microphone)
• 1st MIC Amplifier: 20dB Fixed Gain
• 2nd Amplifier: from -8dB to +27.5dB (0.5dB step)
• AGC function
• Analog Performance:
    - S/N: 82dBA @ fs=44.1kHz, MIC_GAIN=20dB(AGC=off, 0dB)

[Sampling Frequency]
Audio : from 8kHz to 44.1kHz

[DAC]
• 2ch(stereo) DAC
• Single End output
• Digital Attenuator
• Analog Performance
    - S/N: 88dBA@fs= 44.1kHz

[Touch Screen/Battery Check]
• SAR type A/D Converter: 12bit(10bit accuracy)
    - S/H circuit
    - 4-1 Multiplex (2ch :Touch Screen, 2ch : Check for the battery)
• Low Power Current: 20mA
• Low Voltage Operation
    - Analog, Digital: 3.0V
• Small Package: 48pin LQFP




Similar Part No. - AK4533

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4532 AKM-AK4532 Datasheet
345Kb / 17P
Internet/Network/General Purpose Multimedia Audio CODEC
AK4532 AKM-AK4532_04 Datasheet
244Kb / 17P
Internet/Network/General Purpose Multimedia Audio CODEC
AK4534 AKM-AK4534 Datasheet
421Kb / 64P
16Bit CODEC with MIC/HP/SPK-AMP
AK4534VN AKM-AK4534VN Datasheet
421Kb / 64P
16Bit CODEC with MIC/HP/SPK-AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
16-Bit Mono CODEC with ALC & MIC/SPK-AMP
More results


Similar Description - AK4533

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1400BE PHILIPS-UCB1400BE Datasheet
674Kb / 63P
Audio codec with touch screen controller and power management monitor
Rev. 02-21 June 2002
logo
Texas Instruments
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
logo
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
Texas Instruments
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com