Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201IP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201IP
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201IP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLC2201IP Datasheet HTML 40Page - Texas Instruments TLC2201IP Datasheet HTML 41Page - Texas Instruments TLC2201IP Datasheet HTML 42Page - Texas Instruments TLC2201IP Datasheet HTML 43Page - Texas Instruments TLC2201IP Datasheet HTML 44Page - Texas Instruments TLC2201IP Datasheet HTML 45Page - Texas Instruments TLC2201IP Datasheet HTML 46Page - Texas Instruments TLC2201IP Datasheet HTML 47Page - Texas Instruments TLC2201IP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 500
– 300
– 100
VIO – Input Offset Voltage – µV
12
8
4
0
100
16
20
300
500
DISTRIBUTION OF TLC2201
INPUT OFFSET VOLTAGE
408 Units Tested From 2 Wafer Lots
VDD
± = ±5 V
TA = 25°C
P Package
Figure 5
Figure 6
8
6
2
0
–1000
200
10
14
16
600
1000
4
12
TLC2202
DISTRIBUTION OF
INPUT OFFSET VOLTAGE
VIO – Input Offset Voltage – µV
VDD
± = ±15 V
1726 Amplifiers Tested From 1 Wafer Lot
– 600
– 200
TA = 25°C
P Package
Figure 7
–5
0
8
4
2
6
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
10
–2
–4
–6
–8
–10
– 4
– 3
– 2
– 1
01
2345
VIC – Common-Mode Input Voltage – V
VDD
± = ±5 V
TA = 25°C
Figure 8
150
100
50
0
25
45
65
85
200
250
300
105
125
INPUT BIAS CURRENT†
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VO = 0
VIC = 0
VDD
± = ±5 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com