Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201IP Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201IP
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201IP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLC2201IP Datasheet HTML 45Page - Texas Instruments TLC2201IP Datasheet HTML 46Page - Texas Instruments TLC2201IP Datasheet HTML 47Page - Texas Instruments TLC2201IP Datasheet HTML 48Page - Texas Instruments TLC2201IP Datasheet HTML 49Page - Texas Instruments TLC2201IP Datasheet HTML 50Page - Texas Instruments TLC2201IP Datasheet HTML 51Page - Texas Instruments TLC2201IP Datasheet HTML 52Page - Texas Instruments TLC2201IP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
0
–75
–100
01
2
3
25
75
100
4
567
50
t – Time –
µs
VDD
± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
–25
–50
Figure 26
VOLTAGE-FOLLOWER
SMALL-SIGNAL
PULSE RESPONSE
80
60
20
0
160
40
01
23
120
100
140
456
7
t – Time –
µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
–20
Figure 27
0
4
0
5
10
15
20
2
1
3
5
25
30
35
40
t – Time –
µs
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
VDD
± = ±5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
–1
–2
–3
–4
–5
Figure 28
VOLTAGE-FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
2
1
0
–1
0
5
10
15
20
3
4
5
25
30
35
40
t – Time –
µs
VDD = 5 V
RL = 10 kΩ
CL = 100 pF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com