Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST85LD0128 Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST85LD0128
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0128 Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST85LD0128 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST85LD0128 Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
39
12.2.1.20 Security-Disable-Password - F6H
This command requests a transfer of a single sector of data from the host. Table 12-6 defines the
content of this sector of information. If the password selected by Word 0 matches the password
previously saved by the device, the device disables the lock mode. This command does not change the
Master password that may be reactivated later by setting a User password.
12.2.1.21 Security-Erase-Prepare - F3H
This command is issued immediately before the Security-Erase-Unit command to enable device
erasing and unlocking. This command prevents accidental erasure of the data in the flash media.
Bit ->
76543210
Command (7)
F6H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X
TABLE
12-6: Security Password Data Content
Word
Content
0
Control Word
Bit 0: Identifier
0: Compare User Password
1: Compare Master Password
Bit 1-15: Reserved
1-16
Password
(32 Bytes)
17-256
Reserved
T12-6.0 1319
Bit ->
76543210
Command (7)
F3H
C/D/H (6)
XDrive
X
Cyl High (5)
X
Cyl Low (4)
X
Sec Num (3)
X
Sec Cnt (2)
X
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com