| Electronic Components Datasheet Search |
|
SST85LD0128 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST85LD0128 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc |
|
13 / 73 page ![]() Advance Information NANDrive SST85LD0128 / SST85LD0256 / SST85LD0512 ©2007 Silicon Storage Technology, Inc. S71319-03-000 2/07 13 8.0 POWER-ON INITIALIZATION AND CAPACITY EXPANSION NANDrive is self-initialized during the first power-up. As soon as the power is applied to the NANDrive it reports busy for up to five seconds while performing bad blocks search and low level format. This initialization is a one time event. The NANDrive allows storage capacity expansion by using additional external NAND Flash devices. Contact SST for a list of supported standard NAND flash media devices for each NANDrive product. During the first self-initialization, the NANDrive firmware scans all connected flash media devices and reads their device ID. If the device ID matches the listed flash media devices, the NANDrive performs drive recognition based on the algorithm provided by the flash media suppliers, including setting up the bad block table, executing all the necessary handshaking routines for flash media support, and, finally, performing the low-level format. For Power-on Timing Specifications, please refer to Table 13-2. If the drive initialization fails, and a visual inspection is unable to determine the problem, SST provides a comprehensive interface for manufacturing flow debug. This interface not only allows debug of the failure and manual reset of the initialization process, but also allows customization of user definable options. 8.1 ATA/IDE Interface The ATA interface can be used for NANDrive manufacturing support. SST provides an example of a DOS-based solution (an executable routine downloadable from www.sst.com) for manufacturing debug and rework. 8.2 Serial Communication Interface (SCI) For additional manufacturing flexibility, the SCI bus can be used for manufacturing error reporting. The SCI consists of 3 active signals: SCIDOUT, SCIDIN, and SCICLK. 9.0 LIFETIME EXPECTANCY NANDrive provides minimum endurance of 100,000 program/erase cycles and 10 year data retention as stated by the selected NAND Flash components. The extensive ECC and wear leveling algorithms utilized in the NANDrive extend the life of the product. Please refer to Wear Leveling Architecture Technical Paper for real application life time calculation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |