Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1028CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1028CS8
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1028CS8 Datasheet HTML 12Page - Linear Technology LT1028CS8 Datasheet HTML 13Page - Linear Technology LT1028CS8 Datasheet HTML 14Page - Linear Technology LT1028CS8 Datasheet HTML 15Page - Linear Technology LT1028CS8 Datasheet HTML 16Page - Linear Technology LT1028CS8 Datasheet HTML 17Page - Linear Technology LT1028CS8 Datasheet HTML 18Page - Linear Technology LT1028CS8 Datasheet HTML 19Page - Linear Technology LT1028CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1028/LT1128
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 1992
1028fa LT/CP 0901 1.5K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1806/LT1807
325MHz, 3.5nV/
√Hz Single and Dual Op Amps
Slew Rate = 140V/
µs, Low Distortion at 5MHz: –80dBc
Low Noise Infrared Detector
1028/1128 TA12
10
Ω
1M
1k
10k
5V
–
+
LT1028
7
6
4
2
3
8
–5V
1000
µF
DC OUT
5V
39
Ω
33
Ω
267
Ω
10
Ω
+
+
OPTICAL
CHOPPER
WHEEL
IR
RADIATION
PHOTO-
ELECTRIC
PICK-OFF
INFRA RED ASSOCIATES, INC.
HgCdTe IR DETECTOR
13
Ω AT 77°K
1/4 LTC1043
30pF
100
µF
100
µF
13
14
16
10k*
10k*
SYNCHRONOUS
DEMODULATOR
–
+
LT1012
7
4
2
3
–5V
6
5V
1
8
12
–
+
LM301A
7
4
2
3
–5V
6
5V
1
8
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com