Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1028CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1028CS8
Description  Ultralow Noise Precision High Speed Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1028CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1028CS8 Datasheet HTML 2Page - Linear Technology LT1028CS8 Datasheet HTML 3Page - Linear Technology LT1028CS8 Datasheet HTML 4Page - Linear Technology LT1028CS8 Datasheet HTML 5Page - Linear Technology LT1028CS8 Datasheet HTML 6Page - Linear Technology LT1028CS8 Datasheet HTML 7Page - Linear Technology LT1028CS8 Datasheet HTML 8Page - Linear Technology LT1028CS8 Datasheet HTML 9Page - Linear Technology LT1028CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1028/LT1128
OFFSET VOLTAGE (
µV)
–50
12
16
20
30
LT1028/1128 • TPC10
8
4
0
–30
–10
10
50
10
14
18
6
2
20
–40
–20
0
40
VS = ±15V
TA = 25°C
800 UNITS TESTED
FROM FOUR RUNS
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Supply Current vs Temperature
SUPPLY VOLTAGE (V)
0
1.0
1.25
±15
LT1028/1128 • TPC16
0.75
0.5
±5
±10
±20
1.5
TA = 25°C
AT 10Hz
AT 1kHz
Voltage Noise vs Supply Voltage
TIME AFTER POWER ON (MINUTES)
0
0
4
8
12
16
20
24
123
4
LT1028/1128 • TPC13
5
VS = ±15V
TA = 25°C
METAL CAN (H) PACKAGE
DUAL-IN-LINE PACKAGE
PLASTIC (N) OR CERDIP (J)
TEMPERATURE (
°C)
–50
0
1
3
4
5
10
7
0
50
75
LT1028/1128 • TPC17
2
8
9
6
–25
25
100
125
VS = ±15V
VS = ±5V
Bias Current Over the Common
Mode Range
Warm-Up Drift
Output Short-Circuit Current
vs Time
TIME FROM OUTPUT SHORT TO GROUND (MINUTES)
0
–50
–40
–20
–10
0
50
20
2
LT1028/1128 • TPC18
–30
30
40
10
1
3
VS = ±15V
–50
°C
25
°C
125
°C
–50
°C
125
°C
25
°C
Distribution of Input Offset
Voltage
Input Bias and Offset Currents
Over Temperature
TEMPERATURE (˚C)
–50
40
50
60
25
75
LT1028/1128 • TPC14
30
20
–25
0
50
100
125
10
0
VS = ±15V
VCM = 0V
BIAS CURRENT
OFFSET CURRENT
TEMPERATURE (
°C)
–50
–50
–40
–20
–10
0
50
20
0
50
75
LT1028/1128 • TPC11
–30
30
40
10
–25
25
100
125
VS = ±15V
Long-Term Stability of Five
Representative Units
TIME (MONTHS)
0
2
6
10
4
LT1028/1128 • TPC12
–2
–6
–10
1
2
3
5
0
4
8
–4
–8
VS = ±15V
TA = 25°C
t = 0 AFTER 1 DAY PRE-WARM UP
Offset Voltage Drift with
Temperature of Representative Units
COMMON MODE INPUT VOLTAGE (V)
–15
–80
–60
–20
0
20
–5
5
15
100
LT1028/1128 • TPC15
–40
–10
0
40
60
80
10
RCM =
20V
65nA
≈ 300MΩ VS = ±15V
TA = 25°C
POSITIVE INPUT CURRENT
(UNDERCANCELLED) DEVICE
NEGATIVE INPUT CURRENT
(OVERCANCELLED) DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com