Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST85LD0256 Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST85LD0256
Description  NANDrive
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST85LD0256 Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST85LD0256 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST85LD0256 Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
Advance Information
NANDrive
SST85LD0128 / SST85LD0256 / SST85LD0512
©2007 Silicon Storage Technology, Inc.
S71319-03-000
2/07
11
4.0 CAPACITY SPECIFICATION
Table 4-1 shows the default capacity and specific settings for heads, sectors, and cylinders. The capacities listed apply to
either a single device or an externally expanded NANDrive. Users can change the default settings in the drive ID table
(see Table 12-4) for customization. If the total number of bytes is less than the default, the remaining space could be
used as spares to increase the flash drive endurance. It should also be noted that if the total flash drive capacity exceeds
the total default number of bytes, the flash drive endurance will be reduced.
5.0 EXTERNAL CLOCK INTERFACE
The external clock interface allows NANDrive operation
from an external clock source generated by an RC circuit.
Do not use a free running clock as input to the EXTCLKIN
pin; an RC circuit must be used. Contact SST for reference
circuit and recommended external clock settings.
While the device has an internal clock source, the external
clock source allows slowing of the system clock operation
to limit the peak current and overcome additional bus
loading.
The external clock interface consists of three signals:
INTCLKEN,
EXTCLKIN,
and
EXTCLKOUT.
The
INTCLKEN pin selects between external and internal clock
sources for the NANDrive. If this pin is pulled high before
device Power-on, then the internal clock source is selected;
otherwise, the external clock source is selected. The
EXTCLKIN and EXTCLKOUT signals are the input and
output clock signals, respectively.
6.0 SECURITY FEATURES
The SST85LD0128 / SST85LD0256 / SST85LD0512
NANDrive devices offer added data protection for
applications where data security is of the utmost
importance. The secure features are:
1. Protection zones - Customer can enable up to 4
independent protection zones, with two options:
Read-only or
Hidden (Read and Write protected) within each
protected zone. If protection zones are not
enabled the data is unprotected (default configura-
tion).
2. Password protection - Accessing information
within the protected zones can be only achieved
through a
customer-unique password.
3. Purge command - The system can issue a Purge
command to erase all information stored in the
flash media.
Contact SST for detailed specifications.
TABLE
4-1: Default NANDrive Settings
Capacity
Total Bytes
Cylinders
Heads
Sectors
Max LBA
128 MB
128,057,344
977
8
32
250,112
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
T4-1.6 1319
TABLE
4-2: Sustained Performance
Product
Write Performance
Read Performance
SST85LD0128
Up to 5 MB/sec without extended NAND Flash
Up to 10 MB/sec with extended NAND Flash
Up to 10 MB/sec
SST85LD0256
Up to 5 MB/sec without extended NAND Flash
Up to 10 MB/sec with extended NAND Flash
Up to 10 MB/sec
SST85LD0512
Up to 8 MB/sec without extended NAND Flash
Up to 10 MB/sec with extended NAND Flash
Up to 10 MB/sec
T4-2.1319



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com