Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST79LF008 Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST79LF008
Description  Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST79LF008 Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST79LF008 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 252 page
background image
Advance Information
Mobile Platform Controller
8 Mbit LPC Firmware Flash
SST79LF008
39
©2006 Silicon Storage Technology, Inc.
S71320-01-000
10/06
TABLE
3-19: DAC MMCRs References
Register Name
Address
Reference Section
Bit Access Type
Reset Value1
Key
765432
10
DACDAT0
7F4CH
17.2.1
QQQQQQQQ
00H
Q: Read and Write
R: Read Only
W: Write Only
-: Reserved Bit
x: Indeterminate Value
DACDAT1
7F4DH
17.2.2
QQQQQQQQ
00H
DACDAT2
7F4EH
17.2.3
QQQQQQQQ
00H
DACDAT3
7F4FH
17.2.4
QQQQQQQQ
00H
DACCTRL
7F50H
17.2.5
-
-
-
QQQQQ
xxx00000b
T3-19.0 1320
1. All MMCRs returned to their reset values specified in the charts above after the following reset events: Power-On reset, External
reset, Watchdog timer reset, Brown-out reset, 8051 firmware Soft reset, LPC Soft reset, and aLPC Soft reset (see also Section 5.2).
TABLE
3-20: KBC Host Interface MMCRs References
Register Name
Address
Reference Section
Bit Access Type
Reset Value1
1. All MMCRs returned to their reset values specified in the charts above after the following reset events: Power-On reset, External
reset, Watchdog timer reset, Brown-out reset, 8051 firmware Soft reset, LPC Soft reset, and aLPC Soft reset (see also Section 5.2).
Key
765432
10
KBCDATA
7FF1H
18.2.1
QQQQQQQQ
00H
Q: Read and Write
R: Read Only
W: Write Only
-: Reserved Bit
x: Indeterminate Value
KBCSTS
7FF2H
18.2.2
QQQQ
R
Q
R
R
00H
AUXDATA
7FFAH
18.2.3
QQQQQQQQ
00H
KBDCFG
7FF4H
18.2.4
Q
-
Q
Q
-
Q
Q
-
0x00x00xb
PCOBF
7FFDH
18.2.5
-------
Q
xxxxxxx0b
KEYSCAN
7F04H
18.3.1
R
QQQQQQQ
20H
T3-20.0 1320
TABLE
3-21: GA20 Control MMCRs References
Register Name
Address
Reference Section
Bit Access Type
Reset Value1
1. All MMCRs returned to their reset values specified in the charts above after the following reset events: Power-On reset, External
reset, Watchdog timer reset, Brown-out reset, 8051 firmware Soft reset, LPC Soft reset, and aLPC Soft reset (see also Section 5.2).
Key
765432
10
GA20
7FFBH
19.2.1
----
Q
Q
-
Q
xxxx00x1b
Q: Read and Write
-: Reserved Bit
x: Indeterminate Value
SETGA20
7FFEH
19.2.2
QQQQQQQQ
00H
RSTGA20
7FFFH
19.2.3
QQQQQQQQ
00H
T3-21.0 1320
TABLE
3-22: ACPI EC Interface MMCRs References
Register Name
Address
Reference Section
Bit Access Type
Reset Value1
1. All MMCRs returned to their reset values specified in the charts above after the following reset events: Power-On reset, External
reset, Watchdog timer reset, Brown-out reset, 8051 firmware Soft reset, LPC Soft reset, and aLPC Soft reset (see also Section 5.2).
Key
765432
10
ECIDATA
7F53H
20.2.1
QQQQQQQQ
00H
Q: Read and Write
R: Read Only
W: Write Only
-: Reserved Bit
x: Indeterminate Value
ECIDATA1
7F80H
20.2.2
QQQQQQQQ
00H
ECISTS
7F54H
20.2.3
QQQQ
R
Q
R
R
00H
ECISTS1
7F81H
20.2.4
QQQQ
R
Q
R
R
00H
ECICFG
7F51H
20.3.1
-
-
QQQQQQ
xx000000b
ECICFG1
7F52H
20.3.2
-
-
QQQQQQ
xx000000b
T3-22.0 1320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com