Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST79LF008 Datasheet(PDF) 45 Page - Silicon Storage Technology, Inc

Part # SST79LF008
Description  Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST79LF008 Datasheet(HTML) 45 Page - Silicon Storage Technology, Inc

Back Button SST79LF008 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST79LF008 Datasheet HTML 49Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 252 page
background image
Advance Information
Mobile Platform Controller
8 Mbit LPC Firmware Flash
SST79LF008
45
©2006 Silicon Storage Technology, Inc.
S71320-01-000
10/06
4.3 Shared ROM Interface
The SST79LF008 Shared ROM Interface (SRI) provides
LPC Host, alternate LPC (aLPC) Host and the 8051 MCU
with access to the entire 1 MByte of main Flash memory
array as well as to ENVR and UNVR areas. See Figure 4-2.
FIGURE
4-2: Shared ROM Interface
Both LPC and aLPC Hosts access flash memory via the
internal LPC bus interface unit (see details on switching
bus control between LPC Host and aLPC Host in Section
4.8). The aLPC Host flash access is exclusive as 8051 is
forced into reset state while aLPC mode is enabled. The
LPC Host and 8051 may access flash memory concur-
rently. For LPC Host read operations the arbitration
between LPC Host and 8051 is completely handled by SRI
hardware. For LPC Host program/erase operation flash
memory access arbitration must be implemented in soft-
ware via one of the following mechanisms:
1. 8051 firmware turns over the flash bus to the LPC
Host by setting HOST_ACCESS bit in SFCS reg-
ister, see Section 4.4.5, In this case 8051 firmware
must run from the Scratch ROM, described in
Section 4.4.1, just before and while the flash bus
is released to the LPC Host.
2. 8051 firmware enters Idle mode, which allows the
LPC Host software to take over the flash bus by
setting the STP_CLK bit in MBX94 register,
described in Section 21.2. In this case 8051 firm-
ware can run from flash before entering Idle mode
provided the LPC Host does not update the
respective flash locations.
For any mechanism above, the LPC Host software
can confirm the bus turn around by checking the
HOSTFLASH bit in MBX94 register. See Section
21.2.
3. 8051 firmware enables LPC Soft reset via LPC-
MON register, detailed in Section 23.1, which
allows the LPC Host to take over the flash bus by
sending a Force LPC Soft Reset command,
detailed in Section 7.3. In this case 8051 will be
kept in reset state and 8051 firmware will not run
until the LPC Host sends a Release LPC Soft
Reset command, which re-starts 8051 code exe-
cution. As KBC operation is aborted and then re-
started, this mechanism is not recommended for
LPC Host program/erase access, unless flash
memory is blank or corrupted.
1245 ShrdROM.0
LPC Bus
Host Interface
8051
Core
Shared-ROM
Interface
Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com