Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF032B Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST25VF032B Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25VF032B Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
Advance Information
32 Mbit SPI Serial Flash
SST25VF032B
©2006 Silicon Storage Technology, Inc.
S71327-00-000
10/06
TABLE 10: Capacitance (TA = 25°C, f = 1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
COUT1
Output Pin Capacitance
VOUT = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T10.0 1327
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 11: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T11.0 1327
TABLE 12: AC Operating Characteristics
25 MHz
50 MHz
Symbol
Parameter
Min
Max
Min
Max
Units
FCLK1
1. Maximum clock frequency for Read Instruction, 03H, is 25 MHz
Serial Clock Frequency
25
50
MHz
TSCKH
Serial Clock High Time
18
9
ns
TSCKL
Serial Clock Low Time
18
9
ns
TSCKR2
2. Maximum Rise and Fall time may be limited by TSCKH and TSCKL requirements
Serial Clock Rise Time (Slew Rate)
0.1
0.1
V/ns
TSCKF
Serial Clock Fall Time (Slew Rate)
0.1
0.1
V/ns
TCES3
3. Relative to SCK.
CE# Active Setup Time
10
5
ns
TCEH3
CE# Active Hold Time
10
5
ns
TCHS3
CE# Not Active Setup Time
10
5
ns
TCHH3
CE# Not Active Hold Time
10
5
ns
TCPH
CE# High Time
100
50
ns
TCHZ
CE# High to High-Z Output
15
8
ns
TCLZ
SCK Low to Low-Z Output
0
0
ns
TDS
Data In Setup Time
5
2
ns
TDH
Data In Hold Time
5
5
ns
THLS
HOLD# Low Setup Time
10
5
ns
THHS
HOLD# High Setup Time
10
5
ns
THLH
HOLD# Low Hold Time
10
5
ns
THHH
HOLD# High Hold Time
10
5
ns
THZ
HOLD# Low to High-Z Output
20
8
ns
TLZ
HOLD# High to Low-Z Output
15
8
ns
TOH
Output Hold from SCK Change
0
0
ns
TV
Output Valid from SCK
15
8
ns
TSE
Sector-Erase
25
25
ms
TBE
Block-Erase
25
25
ms
TSCE
Chip-Erase
50
50
ms
TBP4
4. TBP of AAI-Word Programming is also 10 µs maximum time.
Byte-Program
10
10
µs
T12.0 1327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com