| Electronic Components Datasheet Search |
|
SST25VF032B Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST25VF032B Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc |
|
7 / 28 page ![]() Advance Information 32 Mbit SPI Serial Flash SST25VF032B 7 ©2006 Silicon Storage Technology, Inc. S71327-00-000 10/06 Status Register The software status register provides status on whether the flash memory array is available for any Read or Write oper- ation, whether the device is Write enabled, and the state of the Memory Write protection. During an internal Erase or Program operation, the status register may be read only to determine the completion of an operation in progress. Table 3 describes the function of each bit in the software status register. Busy The Busy bit determines whether there is an internal Erase or Program operation in progress. A ‘1’ for the Busy bit indi- cates the device is busy with an operation in progress. A ‘0’ indicates the device is ready for the next valid operation. Write Enable Latch (WEL) The Write-Enable-Latch bit indicates the status of the inter- nal memory Write Enable Latch. If the Write-Enable-Latch bit is set to ‘1’, it indicates the device is Write enabled. If the bit is set to ‘0’ (reset), it indicates the device is not Write enabled and does not accept any memory Write (Program/ Erase) commands. The Write-Enable-Latch bit is automati- cally reset under the following conditions: • Power-up • Write-Disable (WRDI) instruction completion • Byte-Program instruction completion • Auto Address Increment (AAI) programming is completed or reached its highest unprotected memory address • Sector-Erase instruction completion • Block-Erase instruction completion • Chip-Erase instruction completion • Write-Status-Register instructions Auto Address Increment (AAI) The Auto Address Increment Programming-Status bit pro- vides status on whether the device is in AAI programming mode or Byte-Program mode. The default at power up is Byte-Program mode. TABLE 3: Software Status Register Bit Name Function Default at Power-up Read/Write 0 BUSY 1 = Internal Write operation is in progress 0 = No internal Write operation is in progress 0R 1 WEL 1 = Device is memory Write enabled 0 = Device is not memory Write enabled 0R 2 BP0 Indicate current level of block write protection (See Table 4) 1 R/W 3 BP1 Indicate current level of block write protection (See Table 4) 1 R/W 4 BP2 Indicate current level of block write protection (See Table 4) 1 R/W 5 BP3 Indicate current level of block write protection (See Table 4) 0 R/W 6 AAI Auto Address Increment Programming status 1 = AAI programming mode 0 = Byte-Program mode 0R 7 BPL 1 = BP3, BP2, BP1, BP0 are read-only bits 0 = BP3, BP2, BP1, BP0 are readable/writable 0R/W T3.0 1327 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |