Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1072AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1072AT
Description  AM receiver circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1072AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1072AT Datasheet HTML 1Page - NXP Semiconductors TDA1072AT Datasheet HTML 2Page - NXP Semiconductors TDA1072AT Datasheet HTML 3Page - NXP Semiconductors TDA1072AT Datasheet HTML 4Page - NXP Semiconductors TDA1072AT Datasheet HTML 5Page - NXP Semiconductors TDA1072AT Datasheet HTML 6Page - NXP Semiconductors TDA1072AT Datasheet HTML 7Page - NXP Semiconductors TDA1072AT Datasheet HTML 8Page - NXP Semiconductors TDA1072AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
March 1989
3
Philips Semiconductors
Product specification
AM receiver circuit
TDA1072AT
Fig.1 Block diagram and test circuit (connections shown in broken lines are not part of the test circuit).
(1) Coil data: TOKO sample no. 7XNS-A7523DY; L1: N1/N2 = 12/32; Qo = 65; QB = 57.
Filter data: ZF = 700 Ω at R3-4 = 3 kΩ; Z1 = 4.8 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com