Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1193CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1193CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1193CS8 Datasheet HTML 4Page - Linear Technology LT1193CS8 Datasheet HTML 5Page - Linear Technology LT1193CS8 Datasheet HTML 6Page - Linear Technology LT1193CS8 Datasheet HTML 7Page - Linear Technology LT1193CS8 Datasheet HTML 8Page - Linear Technology LT1193CS8 Datasheet HTML 9Page - Linear Technology LT1193CS8 Datasheet HTML 10Page - Linear Technology LT1193CS8 Datasheet HTML 11Page - Linear Technology LT1193CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1193
1193fb
V +
7
6
LT1193
V –
4
1
8
OUT
V
+
3
–
2
VIN
SHDN
5
AV = –
RFB + RG
RG
AV = +
RFB + RG
RG
RFB
7
6
LT1193
4
1
8
VOUT
+
3
–
2
VINDIFF
SHDN
SHDN
5
VO = (VINDIFF + VIN)
RFB + RG
RG
RFB + RG
RG
RFB
RG
RFB
LT1193 • TA03
7
6
LT1193
4
+/REF
1
–/FB
8
VOUT
+
3
–
2
5
VO =
RFB
7
6
LT1193
4
1
8
VOUT
+
3
–
2
VIN
SHDN
5
RFB
VIN
VIN
(
( VINDIFF –VIN
( (
+/REF
–/FB
+/REF
–/FB
+/REF
–/FB
RG
RG
VINDIFF
RG
RG
V +
V –
V +
V –
V +
V –
APPLICATIO S I FOR ATIO
In many applications and those requiring good settling
time it is important to use multiple bypass capacitors. A
0.1
µF ceramic disc in parallel with a 4.7µF tantalum is
recommended. Two oscilloscope photos with different
bypass conditions are used to illustrate the settling time
characteristics of the amplifier. Note that although the
output waveform looks acceptable at 1V/DIV, when ampli-
fied to 10mV/DIV the settling time to 10mV is 347ns for the
0.1
µF bypass; the time drops to 96ns with multiple bypass
capacitors.
Operating With Low Closed-Loop Gains
The LT1193 has been optimized for closed-loop gains of
2 or greater; the frequency response illustrates the ob-
tainable closed-loop bandwidths. For a closed-loop gain
of 2 the response peaks about 2dB. Peaking can be
minimized by keeping the feedback elements below 1k
Ω,
and can be eliminated by placing a capacitor across the
feedback resistor, (feedback zero). This peaking shows
up as time domain overshoot of about 40%. With the
feedback capacitor it is eliminated.
Cable Terminations
The LT1193 video difference amplifier has been optimized
as a low cost cable driver. The
±50mA guaranteed output
current enables the LT1193 to easily deliver 7.5VP-P into
No Supply Bypass Capacitors
LT1192 • TA04
AV = 10, IN DEMO BOARD, RL = 1k
LT1192 • TA05
SETTLING TIME TO 10mV, AV = 2
SUPPLY BYPASS CAPACITORS = 0.1
µF
VOUT
1V/DIV
0V
LT1192 • TA06
SETTLING TIME TO 10mV, AV = 2
SUPPLY BYPASS CAPACITORS = 0.1
µF + 4.7µF TANTALUM
VOUT
1V/DIV
0V
Settling Time Poor Bypass
Settling Time Good Bypass
0V
0V
VOUT
10mV/DIV
VOUT
10mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com