Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1193CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1193CS8
Description  Video Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1193CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1193CS8 Datasheet HTML 4Page - Linear Technology LT1193CS8 Datasheet HTML 5Page - Linear Technology LT1193CS8 Datasheet HTML 6Page - Linear Technology LT1193CS8 Datasheet HTML 7Page - Linear Technology LT1193CS8 Datasheet HTML 8Page - Linear Technology LT1193CS8 Datasheet HTML 9Page - Linear Technology LT1193CS8 Datasheet HTML 10Page - Linear Technology LT1193CS8 Datasheet HTML 11Page - Linear Technology LT1193CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1193
1193fb
Small-Signal Transient Response
Closed-Loop Voltage Gain vs Frequency
FREQUENCY (Hz)
10
LT1193 • TA08
100M
10M
1M
100k
8
6
0
2
4
CFB = 0pF
CFB = 5pF
CFB = 10pF
CFB = 15pF
VS = ±5V
TA = 25°C
AV = 2
RFB = 300Ω
RG = 300Ω
Closed-Loop Voltage Gain vs Frequency
FREQUENCY (Hz)
25
LT1193 • TA07
100M
10M
1M
100k
VS = ±5V
TA = 25°C
AV = 10
15
5
–5
AV = 5
AV = 3
AV = 2
Small-Signal Transient Response
APPLICATIO S I FOR ATIO
LT1193 • TA09
AV = 2, OVERSHOOT = 40%, RFB = 1k, RG = 1k
LT1193 • TA10
AV = 2 WITH 8pF FEEDBACK CAPACITOR
RISE TIME = 3.75ns, RFB = 1k, RG = 1k
100
Ω, while operating on ±5V supplies and gains >3. On
a single 5V supply, the LT1193 can swing 2.6VP-P for
gains
≥2.
FREQUENCY (Hz)
8
LT1193 • TA11
100M
10M
1M
100k
6
4
0
2
–2
–4
–6
AV = 2
RFB = 300Ω
RG = 100Ω
CFB = 0pF
AV = 1
RFB = 300Ω
RG = 300Ω
CFB = 10pF
+
–
–
+
RFB
5V
7
6
LT1193
–5V
4
3
1
2
8
RG
75
Ω
75
Ω
CABLE
CFB
Closed-Loop Voltage Gain vs Frequency
Double Terminated Cable Driver
When driving a cable it is important to terminate the cable
to avoid unwanted reflections. This can be done in one of
two ways: single termination or double termination. With
single termination, the cable must be terminated at the
receiving end (75
Ω to ground) to absorb unwanted en-
ergy. The best performance can be obtained by double
termination (75
Ω in series with the output of the amplifier,
and 75
Ω to ground at the other end of the cable). This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com