Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1222CS8
Description  500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1222CS8 Datasheet HTML 1Page - Linear Technology LT1222CS8 Datasheet HTML 2Page - Linear Technology LT1222CS8 Datasheet HTML 3Page - Linear Technology LT1222CS8 Datasheet HTML 4Page - Linear Technology LT1222CS8 Datasheet HTML 5Page - Linear Technology LT1222CS8 Datasheet HTML 6Page - Linear Technology LT1222CS8 Datasheet HTML 7Page - Linear Technology LT1222CS8 Datasheet HTML 8Page - Linear Technology LT1222CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1222
1222fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr, tf
Rise Time, Fall Time
AV = 10, 10% to 90%, 0.1V
2.4
ns
Overshoot
AV = 10, 0.1V
43
%
Propagation Delay
AV = 10, 50% VIN to 50% VOUT, 0.1V
5.2
ns
ts
Settling Time
10V Step, 0.1%
75
ns
10V Step, 0.01%
120
ns
Differential Gain
AV = 2, CC = 50pF, f = 3.58MHz, RL = 150Ω (Note 7)
0.40
%
AV = 10, CC = 0pF, f = 3.58MHz, RL = 1k (Note 7)
0.15
%
Differential Phase
AV = 2, CC = 50pF, f = 3.58MHz, RL = 150Ω (Note 7)
0.10
DEG
AV = 10, CC = 0pF, f = 3.58MHz, RL = 1k (Note 7)
0.01
DEG
RO
Output Resistance
AV = 10, f = 1MHz
0.1
Ω
IS
Supply Current
8
10.5
mA
ELECTRICAL CHARACTERISTICS VS = ±15V, TA = 25°C, VCM = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
●
100
600
μV
Input VOS Drift
●
5
μV/°C
IOS
Input Offset Current
●
100
400
nA
IB
Input Bias Current
●
100
400
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
●
100
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
●
98
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
●
100
200
V/mV
VOUT
Output Swing
RL = 500Ω
●
12
13
±V
IOUT
Output Current
VOUT = ±12V
●
24
26
mA
SR
Slew Rate
(Note 5)
●
150
200
V/
μs
IS
Supply Current
●
811
mA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
●
100
600
μV
Input VOS Drift
●
5
μV/°C
IOS
Input Offset Current
●
100
800
nA
IB
Input Bias Current
●
100
1000
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
●
98
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
●
98
110
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±10V, RL = 500Ω
●
50
200
V/mV
VOUT
Output Swing
RL = 500Ω
●
10
13
±V
RL = 1k
●
12
13
±V
IOUT
Output Current
VOUT = ±10V
●
20
26
mA
VOUT = ±12V
●
12
13
mA
SR
Slew Rate
(Note 5)
●
110
200
V/
μs
IS
Supply Current
●
811
mA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and lifetime.
Note 2: A heat sink may be required when the output is shorted indefinitely.
Note 3: The LT1222C is guaranteed to meet specified performance from 0
°C
to 70
°C and is designed, characterized and expected to meet these extended
temperature limits, but is not tested at –40
°C and 85°C. The LT1222I is
guaranteed to meet the extended temperature limits.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up drift.
Note 5: Slew rate is measured between
±10V on an output swing of ±12V.
Note 6: FPBW = SR/2
πVP.
Note 7: Differential Gain and Phase are tested with five amps in series.
Attenuators of 1/Gain are used as loads.
The
● denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C.
VS = ±15V, VCM = 0V, unless otherwise specified.
The
● denotes the specifications which apply over the temperature range – 55
°C ≤ TA ≤ 125°C for LT1222M, –40°C ≤ TA ≤ 85°C for
LT1222I, otherwise specifications are at TA = 25
°C. VS = ±15V, VCM = 0V, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com