Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1222CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1222CS8
Description  500MHz, 3nV/?숰z, AV ??10 Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1222CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1222CS8 Datasheet HTML 1Page - Linear Technology LT1222CS8 Datasheet HTML 2Page - Linear Technology LT1222CS8 Datasheet HTML 3Page - Linear Technology LT1222CS8 Datasheet HTML 4Page - Linear Technology LT1222CS8 Datasheet HTML 5Page - Linear Technology LT1222CS8 Datasheet HTML 6Page - Linear Technology LT1222CS8 Datasheet HTML 7Page - Linear Technology LT1222CS8 Datasheet HTML 8Page - Linear Technology LT1222CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1222
1222fc
TYPICAL PERFORMANCE CHARACTERISTICS
Input Common Mode Range
vs Supply Voltage
Output Voltage Swing
vs Resistive Load
Output Short-Circuit Current
vs Temperature
Power Supply Rejection Ratio
vs Frequency
Open-Loop Gain
vs Resistive Load
Output Voltage Swing
vs Supply Voltage
Supply Current vs Supply Voltage
and Temperature
Input Bias Current
vs Input Common Mode Voltage
Input Noise Spectral Density
SUPPLY VOLTAGE (±V)
0
0
5
10
15
20
510
15
20
LT1222 • TPC01
TA = 25°C
ΔVOS = 0.5mV
+VCM
–VCM
SUPPLY VOLTAGE (±V)
0
5
6
7
8
9
10
11
510
15
20
LT1222 • TPC02
T = 125°C
T = 25°C
T = – 55°C
0
0
5
10
15
20
510
15
20
LT1222 • TPC03
+VSW
–VSW
SUPPLY VOLTAGE (±V)
TA = 25°C
RL = 500Ω
ΔVOS = 30mV
LOAD RESISTANCE (
Ω)
10
0
10
20
25
30
100
1k
10k
LT1222 • TPC04
5
15
± 5V SUPPLIES
±15V SUPPLIES
TA = 25°C
ΔVOS = 30mV
INPUT COMMON MODE VOLTAGE (V)
–15
–500
0
500
05
15
LT1222 • TPC05
–10
– 5
10
–400
– 300
– 200
–100
100
200
300
400
IB
+
IB
–
VS = ±15V
TA = 25°C
LOAD RESISTANCE (
Ω)
10
70
80
100
110
120
100
1k
10k
LT1222 • TPC06
90
VS = ±5V
VS = ±15V
TA = 25°C
TEMPERATURE (°C)
–50
20
30
35
45
50
– 25
50
100
125
LT1222 • TPC07
25
40
025
75
VS = ±5V
FREQUENCY (Hz)
100
10
1000
10
1k
10k
100k
LT1222 • TPC08
1
100
10
1
100
0.1
VS = ±15V
TA = 25°C
AV = 101
RS = 100k
en
in
FREQUENCY (Hz)
100
0
20
40
60
80
100
120
1k
100k
10M
100M
LT1222 • TPC09
10k
1M
VS = ±15V
TA = 25°C
–PSRR
+PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com