Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1223CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1223CS8
Description  100MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1223CS8 Datasheet HTML 1Page - Linear Technology LT1223CS8 Datasheet HTML 2Page - Linear Technology LT1223CS8 Datasheet HTML 3Page - Linear Technology LT1223CS8 Datasheet HTML 4Page - Linear Technology LT1223CS8 Datasheet HTML 5Page - Linear Technology LT1223CS8 Datasheet HTML 6Page - Linear Technology LT1223CS8 Datasheet HTML 7Page - Linear Technology LT1223CS8 Datasheet HTML 8Page - Linear Technology LT1223CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT1223
3
1223fb
ELECTRICAL CHARACTERISTICS
LT1223M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tr
Rise Time
RF = 1.5k, RG = 1.5k, VOUT = 1V
6.0
ns
tPD
Propagation Delay
RF = 1.5k, RG = 1.5k, VOUT = 1V
6.0
ns
Overshoot
RF = 1.5k, RG = 1.5k, VOUT = 1V
5
%
ts
Settling Time, 0.1%
RF = 1k, RG = 1k, VOUT = 10V
75
ns
Differential Gain
RF = 1k, RG = 1k, RL = 150Ω
0.02
%
Differential Phase
RF = 1k, RG = 1k, RL = 150Ω
0.12
Deg
ROUT
Open-Loop Output Resistance
VOUT = 0, IOUT = 0
35
Ω
IS
Supply Current
VIN = 0V
6
10
mA
Supply Current, Shutdown
Pin 8 Current = 200
µA2
4
mA
VS = ± 15V, TA = 25°C, unless otherwise noted.
LT1223C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
●
±1
±3mV
IIN+
Noninverting Input Current
VCM = 0V
●
±1
±3
µA
IIN–
Inverting Input Current
VCM = 0V
●
±1
±3
µA
RIN
Input Resistance
VIN = ±10V
●
110
M
Ω
Input Voltage Range
●
±10
±12
V
CMRR
Common Mode Rejection Ratio
VCM = ±10V
●
56
63
dB
Inverting Input Current Common Mode Rejection
VCM = ±10V
●
30
100
nA/V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
●
68
80
dB
Noninverting Input Current Power Supply Rejection
VS = ±4.5V to ±18V
●
12
100
nA/V
Inverting Input Current Power Supply Rejection
VS = ±4.5V to ±18V
●
60
500
nA/ V
AV
Large-Signal Voltage Gain
RLOAD = 400Ω, VOUT = ±10V
●
70
89
dB
ROL
Transresistance,
∆VOUT/∆IIN–RLOAD = 400Ω, VOUT = ±10V
●
1.5
5
M
Ω
VOUT
Maximum Output Voltage Swing
RLOAD = 200Ω
●
±10
±12
V
IOUT
Maximum Output Current
RLOAD = 200Ω
●
50
60
mA
IS
Supply Current
VIN = 0V
●
610
mA
Supply Current, Shutdown
Pin 8 Current = 200
µA
●
24
mA
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at VS = ± 15V,
VCM = 0V, 0°C ≤ TA ≤ 70°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com