Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1223CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1223CS8
Description  100MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1223CS8 Datasheet HTML 1Page - Linear Technology LT1223CS8 Datasheet HTML 2Page - Linear Technology LT1223CS8 Datasheet HTML 3Page - Linear Technology LT1223CS8 Datasheet HTML 4Page - Linear Technology LT1223CS8 Datasheet HTML 5Page - Linear Technology LT1223CS8 Datasheet HTML 6Page - Linear Technology LT1223CS8 Datasheet HTML 7Page - Linear Technology LT1223CS8 Datasheet HTML 8Page - Linear Technology LT1223CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT1223
5
1223fb
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage,
Supply Current vs Supply Voltage
Output Short Circuit-Current vs
VIN = 0 (Operating)
(Shutdown)
Temperature
Input Common Mode Limit vs
Temperature
+IB vs Common Mode Voltage
–IB vs Common Mode Voltage
Output Voltage Swing vs
Output Voltage Swing vs
VOS vs Common Mode Voltage
Load Resistor
Supply Voltage
SUPPLY VOLTAGE (
±V)
0
0
2
4
6
8
10
LT1223 • TPC02
2
4
6
8
1012 14 1618 20
–55
°C
25
°C
125
°C
SUPPLY VOLTAGE (
±V)
0
0
1
2
3
4
LT1223 • TPC03
2
4
6
8
10 12 14161820
125
°C
–55
°C
PIN 8 = 0V
25
°C
CASE TEMPERATURE (
°C)
–50
0
30
100
LT1223 • TPC04
–25
0
25
50
75
100
125
10
20
40
50
60
70
80
90
TEMPERATURE (
°C)
2
LT1223 • TPC05
1
3
4
–4
–3
–2
–1
V =
±15V
S
V =
±5V
S
V = 15V
S
V = 5V
S
–50
–25
0
25
50
75
100
125
V+
V–
COMMON MODE VOLTAGE (V)
–15
–5
–3
–1
1
3
5
LT1223 • TPC06
–10
–5
0
5
10
15
25
°C
125
°C
–4
–2
0
2
4
–55
°C
V =
±15V
S
COMMON MODE VOLTAGE (V)
–15
–10
–6
–2
2
6
10
LT1223
∑ TPC07
–10
–5
0
5
10
15
125
°C
–8
–4
0
4
8
–55
°C
±
V = 15V
S
25
°C
COMMON MODE VOLTAGE (V)
–15
–20
–10
10
20
LT1223 • TPC08
–10
–5
0
5
10
15
–15
–5
0
5
15
–55
°C
25
°C
125
°C
V = 15V
S
±
LOAD RESISTOR ( )
100
–20
15
20
1000
10000
LT1223 • TPC09
Ω
–15
–10
–5
0
5
10
125
°C
VS = ±15V
25
°C, –55°C
125
°C
25
°C, –55°C
SUPPLY VOLTAGE (
±V)
0
–20
–10
–5
10
20
LT1223 • TPC10
2
4
6
8
10 1214 1618 20
125
°C
–15
0
5
15
25
°C
25
°C
125
°C
–55
°C
–55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com