Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1257CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1257CS8
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1257CS8 Datasheet HTML 4Page - Linear Technology LTC1257CS8 Datasheet HTML 5Page - Linear Technology LTC1257CS8 Datasheet HTML 6Page - Linear Technology LTC1257CS8 Datasheet HTML 7Page - Linear Technology LTC1257CS8 Datasheet HTML 8Page - Linear Technology LTC1257CS8 Datasheet HTML 9Page - Linear Technology LTC1257CS8 Datasheet HTML 10Page - Linear Technology LTC1257CS8 Datasheet HTML 11Page - Linear Technology LTC1257CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1257
©LINEAR TECHNOLOGY CORPORATION 1994
1257fb LT/TP 1101 REV B 1.5K • PRINTED IN USA
APPLICATI
TYPICAL
Driving LTC1257 with Optoisolators
LT1021-5
VOUT
VIN
12V
VREF
GND
CLK
6
1
2
1
2
1
2
4
5
6
4
5
6
4
5
2k
5%
2k
5%
2k
5%
VOUT
VOUT
0.1
µF
VCC
DIN
CLK
DIN
LOAD
DOUT
LTC1257
MOC5008
MOC5008
MOC5008
LOAD
1257 TA07
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
12 Bit
LTC1446/LTC1446L
Dual 12-Bit VOUT DACs in SO-8 Package
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1448
Dual 12-Bit VOUT DAC in SO-8 Package, VCC: 2.7V to 5.5V
Output Swings from GND to REF,
REF Input Can Be Tied to VCC
LTC1450/LTC1450L
Single 12-Bit VOUT DACs with Parallel Interface
LTC1450: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1450L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1451
Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 4.095V, VCC: 4.5V to
Low Power, Complete VOUT DAC in SO-8 Package
5.5V, Internal 2.048V Reference Brought Out to Pin
LTC1452
Single Rail-to-Rail 12-Bit VOUT Multiplying DAC, VCC: 2.7V to 5.5V
Low Power, Multiplying VOUT DAC with Rail-to-Rail
Buffer Amplifier in SO-8 Package
LTC1453
Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 2.5V, VCC: 2.7V to 5.5V
3V, Low Power, Complete VOUT DAC in SO-8 Package
LTC1454/LTC1454L
Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality
LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1456
Single Rail-to-Rail Output 12-Bit DAC with Clear Pin,
Low Power, Complete VOUT DAC in SO-8
Full Scale: 4.095V, VCC: 4.5V to 5.5V
Package with Clear Pin
LTC1458/LTC1458L
Quad 12 Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in MSOP-8 Package,
Output Swings from GND to REF,
VCC = 2.7V to 5.5V
REF Input Can Be Tied to VCC
14 Bit
LTC1658
14-Bit Rail-to-Rail Micropower DAC in MSOP, VCC = 2.7V to 5.5V
Output Swings from GND to REF,
REF Input Can Be Tied to VCC
LTC1654
Dual 14-Bit VOUT DAC
Programmable Speed/Power, SO-8 Footprint
16 Bit
LTC1655(L)
Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V (3V), Low Power, Deglitched,
VOUT = 0V to 4.096V (0V to 2.5V)
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com