Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1257CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1257CS8
Description  Complete Single Supply 12-Bit Voltage Output DAC in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1257CS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1257CS8 Datasheet HTML 1Page - Linear Technology LTC1257CS8 Datasheet HTML 2Page - Linear Technology LTC1257CS8 Datasheet HTML 3Page - Linear Technology LTC1257CS8 Datasheet HTML 4Page - Linear Technology LTC1257CS8 Datasheet HTML 5Page - Linear Technology LTC1257CS8 Datasheet HTML 6Page - Linear Technology LTC1257CS8 Datasheet HTML 7Page - Linear Technology LTC1257CS8 Datasheet HTML 8Page - Linear Technology LTC1257CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1257
TEMPERATURE (
°C)
–50
0.38
0.37
0.36
0.35
0.34
0.33
0.32
0.31
25
75
1257 G03
–25
0
50
100
125
VCC = 5.25V
VCC = 5V
VCC = 4.75V
Supply Current vs Temperature
OUTPUT SINK CURRENT (
µA)
1
1000
100
10
1
0.1
10
100
1000
1257 G06
HOT
COLD
ROOM
Pull-Down Voltage vs Output Sink
Current Capability
TEMPERATURE (
°C)
–50
2.0495
2.0490
2.0485
2.0480
2.0475
2.0470
2.0465
25
75
1257 G07
–25
0
50
100
125
VCC = 5V
INTERNAL REFERENCE
OUTPUT LOAD CURRENT (mA)
0.01
0.1
1
10
1257 G01
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
VREF = INTERNAL
VOUT = FULL SCALE
TA = 25°C
Minimum Supply Voltage
vs Load Current #1
LOGIC VOLTAGE (V)
0
0.59
0.54
0.49
0.44
0.39
0.34
4
1257 G04
1
2
3
5
VCC = 5V
TA = 25°C
Minimum Supply Voltage
vs Load Current #2
OUTPUT LOAD CURRENT (mA)
0.01
0.1
1
10
1257 G02
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
VREF = 10V
VOUT = FULL SCALE
TA = 25°C
LOAD RESISTANCE (
Ω)
10
100
1k
10k
1257 G05
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FULL SCALE
RL TIED TO GND
ZERO SCALE
RL TIED TO VCC
VCC = 5V
Output Swing vs Load Resistance
Supply Current vs
Logic Input Voltage
Full-Scale Voltage vs
Temperature
TEMPERATURE (
°C)
–50
–25
25
50
75
100
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1257 G08
0
125
VCC = 5V
INTERNAL REFERENCE
Zero-Scale Voltage vs
Temperature
CODE
0
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
1024
2048 2560
1257 G09
512
1536
3072 3584 4096
VCC = 5V
INTERNAL REFERENCE
TA = 25°C
Integral Nonlinearity (INL)
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com