Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1386 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1386
Description  Noise shaping filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1386 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1386 Datasheet HTML 9Page - NXP Semiconductors TDA1386 Datasheet HTML 10Page - NXP Semiconductors TDA1386 Datasheet HTML 11Page - NXP Semiconductors TDA1386 Datasheet HTML 12Page - NXP Semiconductors TDA1386 Datasheet HTML 13Page - NXP Semiconductors TDA1386 Datasheet HTML 14Page - NXP Semiconductors TDA1386 Datasheet HTML 15Page - NXP Semiconductors TDA1386 Datasheet HTML 16Page - NXP Semiconductors TDA1386 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1998 Jan 06
13
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1386T
DC CHARACTERISTICS
VDDD =VDDA =VDDO =5V; Tamb =5 °C; all voltages referenced to ground (pins 2, 9 and 23); unless otherwise
specified
.
Notes
1. All power supply pins (VDD and GND) must be connected to the same external power supply unit.
2. RL is the AC impedance of the external circuitry connected to the audio outputs of the application circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
UNIT
VDDD
digital supply voltage (pin 10)
note 1
4.5
5.0
5.5
V
VDDA
analog supply voltage (pin 1)
note 1
4.5
5.0
5.5
V
VDDO
operational amplifier supply
voltage (pin 24)
note 1
4.5
5.0
5.5
V
IDDD
digital supply current
fsys = 11.28 MHz
−
58mA
IDDA
analog supply current
at digital silence
−
36mA
IDDO
operational amplifier supply
current
no operational
amplifier load resistor
−
24mA
Ptot
total power dissipation
fsys = 11.28 MHz;
digital silence;
no operational
amplifier load resistor
−
50
90
mW
VIH
HIGH level digital input voltage
(pins 3 to 8 and 11 to 17)
0.7VDDD
−
VDDD + 0.5 V
VIL
LOW level digital input voltage
(pins 3 to 8 and 11 to 17)
−0.5
−
0.3VDDD
V
Rpd
internal pull-down resistor to
VSSD (pins 3 and 11)
17
−
134
k
Ω
I
LI
input leakage current
−−
10
µA
CI
input capacitance
−−
10
pF
Vref
reference voltage (pin 22)
with respect to OGND
0.45VDDO
0.5VDDO
0.55VDDO
V
RCONV
current-to-voltage conversion
resistor
2.4
3.0
3.6
k
Ω
VFS(rms)
full scale output voltage
(RMS value)
RL >5kΩ; note 2
0.935
1.1
1.265
V
RL
output load resistance
5
−−
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com