Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1386 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA1386
Description  Noise shaping filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1386 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA1386 Datasheet HTML 14Page - NXP Semiconductors TDA1386 Datasheet HTML 15Page - NXP Semiconductors TDA1386 Datasheet HTML 16Page - NXP Semiconductors TDA1386 Datasheet HTML 17Page - NXP Semiconductors TDA1386 Datasheet HTML 18Page - NXP Semiconductors TDA1386 Datasheet HTML 19Page - NXP Semiconductors TDA1386 Datasheet HTML 20Page - NXP Semiconductors TDA1386 Datasheet HTML 21Page - NXP Semiconductors TDA1386 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1998 Jan 06
18
Philips Semiconductors
Product specification
Noise shaping filter DAC
TDA1386T
TEST AND APPLICATION INFORMATION
Filter characteristics
Table 4
Digital filter specification, fs = 44.1 kHz
Table 5
Digital filter phase distortion, fs = 44.1 kHz
BAND
ATTENUATION
0 to 19 kHz
<0.001 dB
19 to 20 kHz
<0.03 dB
24 kHz
>25 dB
25 to 35 kHz
>40 dB
35 to 64 kHz
>50 dB
64 to 68 kHz
>31 dB
68 kHz
>35 dB
69 to 88 kHz
>40 dB
BAND
PHASE DISTORTION
0 to 16 kHz
<
±1 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com