Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-06OILR Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL620-06OILR
Description  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-06OILR Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL620-06OILR Datasheet HTML 1Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 2Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 3Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 4Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 5Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 6Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 7Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 5
7. LVDS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Differential Voltage
VOD
247
355
454
mV
VDD Magnitude Change
∆VOD
-50
50
mV
Output High Voltage
VOH
1.4
1.6
V
Output Low Voltage
VOL
0.9
1.1
V
Offset Voltage
VOS
1.125
1.2
1.375
V
Offset Magnitude Change
∆VOS
RL = 100
Ω
(see figure)
0
3
25
mV
Power-off Leakage
IOXD
Vout = VDD or GND
VDD = 0V
±1
±10
uA
Output Short Circuit Current
IOSD
-5.7
-8
mA
8. LVDS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Differential Clock Rise Time
tr
0.2
0.7
1.0
ns
Differential Clock Fall Time
tf
RL = 100
Ω
CL = 10 pF
(see figure)
0.2
0.7
1.0
ns
OUT
OUT
V
OD
V
OS
50
Ω
50
Ω
OUT
V
DIFF
R
L = 100Ω
C
L = 10pF
C
L = 10pF
LVDS Switching Test Circuit
LVDS Levels Test Circuit
LVDS Transistion Time Waveform
OUT
OUT
OUT
0V (Differential)
0V
20%
80%
20%
80%
t
R
t
F
V
DIFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com