Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL620-06OILR Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-06OILR
Description  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-06OILR Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-06OILR Datasheet HTML 1Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 2Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 3Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 4Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 5Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 6Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 7Page - PhaseLink Corporation PLL620-06OILR Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 1
FEATURES
• 100MHz to 200MHz Fundamental or 3rd
Overtone Crystal.
• Output range: 100 – 200MHz (no multiplication),
200 – 400MHz (2x multiplier), 400 – 700MHz (4x
multiplier), or 800MHz-1GHz(PLL620-09 only, 8x
multiplier).
• CMOS (Standard drive PLL620-07 or Selectable
Drive PLL620-06), PECL (Enable low PLL620-08
or Enable high PLL620-05) or LVDS output
(PLL620-09).
• Supports 3.3V-Power Supply.
• Available in 16-Pin (TSSOP or 3x3mm QFN)
Note: PLL620-06 only available in 3x3mm.
Note: PLL620-07 only available in TSSOP.
DESCRIPTION
The PLL620-0x family of XO IC’s is specifically
designed to work with high frequency fundamental
and third overtone crystals. Their low jitter and low
phase noise performance make them well suited for
high frequency XO requirements. They achieve very
low current into the crystal resulting in better overall
stability.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
^: Internal pull-up
*: PLL620-06 pin 12 is output drive select (DRIVSEL)
(0 for High Drive CMOS, 1 for Standard Drive CMOS)
The pin remains ‘Do Not Connect (DNC)’ for PLL620-05/07/08/09.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0
(Default)
Output enabled
PLL620-08
1
Tri-state
0
Tri-state
PLL620-05
PLL620-06
PLL620-07
PLL620-09
1
(Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL620-08
Logical states defined by CMOS levels for PLL620-05/-06/-
07/-09
X+
X-
OE
Q
Q
PLL by-pass
SEL
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
SEL3^
SEL2^
OE
GND
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND
PLL620-0x
GND
VDD
CLKT
CLKC
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
XOUT
XIN
SEL2^
OE


Similar Part No. - PLL620-06OILR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-06 ETC1-PLL620-06 Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-06QC ETC1-PLL620-06QC Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-06QC-R ETC1-PLL620-06QC-R Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-06QCL ETC1-PLL620-06QCL Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-06QCL-R ETC1-PLL620-06QCL-R Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
More results

Similar Description - PLL620-06OILR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-05 ETC1-PLL620-05 Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
PLL620-28 PLL-PLL620-28 Datasheet
218Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-00 PLL-PLL520-00 Datasheet
218Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL520-17 PLL-PLL520-17 Datasheet
240Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
logo
Abracon Corporation
ABX2005 ABRACON-ABX2005 Datasheet
115Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
03/21/05
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com