Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7200L Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ACT7200L
Description  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7200L Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ACT7200L Datasheet HTML 4Page - Texas Instruments SN74ACT7200L Datasheet HTML 5Page - Texas Instruments SN74ACT7200L Datasheet HTML 6Page - Texas Instruments SN74ACT7200L Datasheet HTML 7Page - Texas Instruments SN74ACT7200L Datasheet HTML 8Page - Texas Instruments SN74ACT7200L Datasheet HTML 9Page - Texas Instruments SN74ACT7200L Datasheet HTML 10Page - Texas Instruments SN74ACT7200L Datasheet HTML 11Page - Texas Instruments SN74ACT7200L Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
FIGURE
′ACT7200L-15
′ACT7201LA-15
′ACT7202LA-15
′ACT7200L-25
′ACT7201LA-25
′ACT7202LA-25
′ACT7201LA-35†
′ACT7202LA-35†
′ACT7200L-50
′ACT7201LA-50
′ACT7202LA-50
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency, R or W
40
28.5
22.2
15
MHz
tc(R)
Cycle time, read
1(a)
25
35
45
65
ns
tc(W)
Cycle time, write
1(b)
25
35
45
65
ns
tc(RS)
Cycle time, reset
7
25
35
45
65
ns
tc(RT)
Cycle time, retransmit
4
25
35
45
65
ns
tw(RL)
Pulse duration, R low
1(a)
15
25
35
50
ns
tw(WL)
Pulse duration, W low
1(b)
15
25
35
50
ns
tw(RH)
Pulse duration, R high
1(a)
10
10
10
15
ns
tw(WH)
Pulse duration, W high
1(b)
10
10
10
15
ns
tw(RT)
Pulse duration, FL/RT low
4
15
25
35
50
ns
tw(RS)
Pulse duration, RS low
7
15
25
35
50
ns
tw(XIL)
Pulse duration, XI low
10
15
25
35
50
ns
tw(XIH)
Pulse duration, XI high
10
10
10
10
10
ns
tsu(D)
Setup time, data before W
↑
1(b), 6
11
15
18
30
ns
tsu(RT)
Setup time, R and W high
before FL/RT
↑‡
4
15
25
35
50
ns
tsu(RS)
Setup time, R and W high
before RS
↑‡
7
15
25
35
50
ns
tsu(XI-R)
Setup time, XI low
before R
↓
10
10
10
10
15
ns
tsu(XI-W)
Setup time, XI low
before W
↓
10
10
10
10
15
ns
th(D)
Hold time, data after W
↑
1(b), 6
0
0
0
5
ns
th(E-R)
Hold time, R low after EF
↑
5, 11
15
25
35
50
ns
th(F-W)
Hold time, W low after FF
↑
6, 12
15
25
35
50
ns
th(RT)
Hold time, R and W high
after FL/RT
↑
4
10
10
10
15
ns
th(RS)
Hold time, R and W high
after RS
↑
7
10
10
10
15
ns
† Released in RJ package only
‡ These values are characterized but not currently tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com