Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7200L Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74ACT7200L
Description  256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7200L Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ACT7200L Datasheet HTML 5Page - Texas Instruments SN74ACT7200L Datasheet HTML 6Page - Texas Instruments SN74ACT7200L Datasheet HTML 7Page - Texas Instruments SN74ACT7200L Datasheet HTML 8Page - Texas Instruments SN74ACT7200L Datasheet HTML 9Page - Texas Instruments SN74ACT7200L Datasheet HTML 10Page - Texas Instruments SN74ACT7200L Datasheet HTML 11Page - Texas Instruments SN74ACT7200L Datasheet HTML 12Page - Texas Instruments SN74ACT7200L Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
SN74ACT7200L, SN74ACT7201LA, SN74ACT7202LA
256
× 9, 512 × 9, 1024 × 9
ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SCAS221A – FEBRUARY 1993 – REVISED SEPTEMBER 1995
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 13)
PARAMETER
FIGURE
′ACT7200L-15
′ACT7201LA-15
′ACT7202LA-15
′ACT7200L-25
′ACT7201LA-25
′ACT7202LA-25
′ACT7201LA-35†
′ACT7202LA-35†
′ACT7200L-50
′ACT7201LA-50
′ACT7202LA-50 UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
ta
Access time, R
↓ or EF↑ to
data out valid
1(a), 3,
5
15
25
35
50
ns
tv(RH)
Valid time, data out valid
after R
↑
1(a)
5
5
5
5
ns
ten(R-QX)
Enable time, R
↓ to Q
outputs at low impedance‡
1(a)
5
5
10
10
ns
ten(W-QX)
Enable time, W
↑ to Q
outputs at low
impedance‡§
5
5
5
5
15
ns
tdis(R)
Disable time, R
↑ to Q
outputs at high
impedance‡
1(a)
15
18
20
30
ns
tw(FH)
Pulse duration, FF high in
automatic write mode
6
15
25
30
45
ns
tw(EH)
Pulse duration, EF high in
automatic read mode
5
15
25
30
45
ns
tpd(W-F)
Propagation delay time,
W
↓ to FF low
2
15
25
30
45
ns
tpd(R-F)
Propagation delay time,
R
↑ to FF high
2, 6, 12
15
25
30
45
ns
tpd(RS-F)
Propagation delay time,
RS
↓ to FF high
7
25
35
45
65
ns
tpd(RS-HF)
Propagation delay time,
RS
↓ to XO/HF high
7
25
35
45
65
ns
tpd(W-E)
Propagation delay time,
W
↑ to EF high
3, 5, 11
15
25
30
45
ns
tpd(R-E)
Propagation delay time,
R
↓ to EF low
3
15
25
30
45
ns
tpd(RS-E)
Propagation delay time,
RS
↓ to EF low
7
25
35
45
65
ns
tpd(W-HF)
Propagation delay time,
W
↓ to XO/HF low
8
25
35
45
65
ns
tpd(R-HF)
Propagation delay time,
R
↑ to XO/HF high
8
25
35
45
65
ns
tpd(R-XOL)
Propagation delay time,
R
↓ to XO/HF low
9
15
25
35
50
ns
tpd(W-XOL)
Propagation delay time,
W
↓ to XO/HF low
9
15
25
35
50
ns
tpd(R-XOH)
Propagation delay time,
R
↑ to XO/HF high
9
15
25
35
50
ns
tpd(W-XOH)
Propagation delay time,
W
↑ to XO/HF high
9
15
25
35
50
ns
tpd(RT-FL)
Propagation delay time,
FL /RT
↓ to HF, EF, FF valid
4
25
35
45
65
ns
† Released in RJ package only
‡ These values are characterized but not currently tested.
§ Only applies when data is automatically read (see Figure 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com