Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet(PDF) 1 Page - Analog Devices

Part # AD9084-DF
Description  Apollo MxFE Quad, 16-Bit, 28 GSPS RF DAC and Quad, 12-Bit, 20 GSPS RF ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084-DF Datasheet(HTML) 1 Page - Analog Devices

  AD9084-DF Datasheet HTML 1Page - Analog Devices AD9084-DF Datasheet HTML 2Page - Analog Devices AD9084-DF Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary Data Sheet
AD9084
Apollo MxFE Quad, 16-Bit, 28 GSPS RF DAC and Quad, 12-Bit, 20 GSPS RF ADC
Rev. PrA
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Flexible reconfigurable common platform design
►
4 DACs and 4 ADCs (4D4A)
►
Usable RF Analog bandwidth up to 18 GHz
►
Maximum DAC/ADC sample rate up to 28 GSPS/20 GSPS
►
DAC to ADC sample rate ratios of 1 and 2
►
Clocking
►
On-chip PLL (7 GHz to 14 GHz)
►
External RFCLK input up to 20 GHz
►
Multichip synchronization via subclass1
►
Single-ended (SE) or differential (DIFF) ADC inputs
►
Two separate versions, both 50 Ω input impedance
►
Single-ended version with on-chip wide bandwidth balun
►
Differential ADC AC performance at 20 GSPS
►
Full-scale input voltage: 500 mV p-p/−2 dBm
►
Noise density: −150 dBFS/Hz at −20 dBFS at 2 GHz
►
HD2/HD3: −65 dBFS/−70 dBFS at −7 dBFS at 2 GHz
►
IMD3: −75 dBFS at – 13 dBFS/tone at 2 GHz
►
DAC AC performance at 28 GSPS
►
Full-scale output power: −2.1 dBm at 2 GHz
►
IMD3: −75 dBc at – 13 dBFS/tone at 2 GHz to 10 GHz
►
NSD (shuffling disabled): −164 dBFS/Hz at 0 dBFS at 2 GHz
►
Versatile digital features
►
Supports real or complex digital data (8-, 12-, 16-bit)
►
Configurable DDC and DUC
►
8 fine complex DUCs and 4 coarse complex DUCs
►
8 fine complex DDCs and 4 coarse complex DDCs
►
Option to bypass fine and coarse DUC/DDC
►
DUC/DDC alias rejection
►
85 dB for interpolation filters
►
100 dB for decimation filters
►
Fractional sample rate converter (FSRC)
►
Programmable FIR filters for transmit/receive
►
Multiple loopback (ADC to DAC) supported
►
~45 ns without DSP path
►
Dynamic configuration through SPI/HSCI/GPIO
►
Spectrum sniffer/monitor
►
Interfaces
►
SPI
►
High-Speed Control Interface (HSCI)
►
JESD204B/JESD204C: 20 Gbps/32.5 Gbps
►
24 lanes for Rx, 24 lanes for Tx
►
Receive AGC support
►
Fast detect with low latency for fast AGC control
►
Signal monitor for slow AGC control
►
Auxiliary features
►
Power amplifier downstream protection circuitry
►
On-chip temperature monitoring unit
►
TDD power savings option
►
Total power consumption range dependent on device configura-
tion : 20 W to 30 W
►
24 mm × 26 mm, 899-ball BGA with 0.8 mm pitch
►
Operating junction temperature (TJ): −40°C to +110°C
APPLICATIONS
►
Radar and communications
►
L/S/C/X/Ku band radar and electronic warfare
►
Phase array system
►
Broadband communications systems
►
Electronic test and measurement systems
►
Satellite communications
►
Microwave point-to-point, X-band and 5G mmWave
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Similar Part No. - AD9084-DF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9084-DF AD-AD9084-DF Datasheet
276Kb / 3P
Apollo MxFE Octal, 16-Bit, 16 GSPS RF DAC and Octal, 12-Bit, 8 GSPS RF ADC
Rev. PrA
AD9084-DF AD-AD9084-DF Datasheet
3Mb / 50P
Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC
Rev. 0
More results

Similar Description - AD9084-DF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9172 AD-AD9172 Datasheet
2Mb / 144P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
6/2017-Revision 0
AD9173 AD-AD9173 Datasheet
2Mb / 142P
Dual, 16-Bit, 12.6 GSPS RF DAC with Channelizers
11/2017-Revision 0
AD9176 AD-AD9176_V01 Datasheet
2Mb / 151P
Dual, 16-Bit, 12.6 GSPS RF DAC
5/2019-Rev. 0 to Rev. A
AD9082 AD-AD9082 Datasheet
717Kb / 33P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Dual, 12-Bit, 6 GSPS RF ADC
9/2020-Rev. 0 to Rev. A
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
AD9177 AD-AD9177 Datasheet
132Kb / 5P
Quad, 16-Bit, 12 GSPS RF DAC
AD9209 AD-AD9209 Datasheet
120Kb / 5P
Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com