Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet(PDF) 2 Page - Analog Devices

Part # AD9084-DF
Description  Apollo MxFE Octal, 16-Bit, 16 GSPS RF DAC and Octal, 12-Bit, 8 GSPS RF ADC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084-DF Datasheet(HTML) 2 Page - Analog Devices

  AD9084-DF Datasheet HTML 1Page - Analog Devices AD9084-DF Datasheet HTML 2Page - Analog Devices AD9084-DF Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary Data Sheet
AD9088
GENERAL DESCRIPTION
analog.com
Rev. PrA | 2 of 3
The Apollo mixed signal front-end (MxFE
®) is a highly integrated
device with a 16-bit, 16 GSPS maximum sample rate, RF digital-to-
analog converter (DAC) core, and 12-bit, 8 GSPS maximum sam-
ple rate, RF analog-to-digital converter (ADC) core. The AD9088
supports eight transmit channels and eight receive channels. The
AD9088 is well suited for applications requiring both wideband
ADCs and DACs to process signal(s) having wide instantaneous
bandwidth. The device features a 48 lane, 32.5 Gbps JESD204C
or 20 Gbps JESD204B data transceiver port, an on-chip clock
multiplier, and a digital signal processing (DSP) capability target-
ed at either wideband or multi-band, direct to RF applications.
The AD9088 also features a bypass mode that allows the full
bandwidth capability of the ADC and/or DAC cores to bypass the
DSP datapaths. The device also features low latency loopback and
frequency hopping modes targeted at phased array radar systems
and electronic warfare applications.
The AD9088 is available in a 24mm x 26mm, 899-ball BGA and
operates within the –40°C to +110°C junction temperature range.
For additional information, contact ApolloSupport@analog.com.
Table 1. Product Listing with Distinguishing Features
Part No.
Tx
Rx
Digital Features
DAC
Ch
Max
DAC
Rate
(GSPS)
Analog
BW1
(GHz)
Max
Tx
iBW
(GHz)
ADC
Ch
Max
ADC
Rate
(GSPS)
Analog
BW2
(GHz)
Max Rx
iBW
(GHz)
Input
Network FSRC
Rx to
Tx
Loop
back
Fast
Freq
Hopping
PFILT/
CFIR
Dynamic
Config
(PFILT CFIR,
DDC/DUC)
Spectrum
Sniffer
AD9084–DF
4
28
18
14
4
20
18
10
DIFF
Yes
Yes
Yes
Yes
Yes
Yes
AD9084–SE
4
28
18
14
4
14
16
7
SE
Yes
Yes
Yes
Yes
Yes
Yes
AD9088
8
16
183.
8
8
8
16
4
SE
No
Yes
Yes
Yes
Yes
Yes
1 Analog bandwidth is the allowed frequency range supported by the DAC output port. It may be limited by the maximum DAC sampling rate due to sinc roll-off, return loss of
the PCB layout, and balun response. Check detailed specifications for operating at higher frequencies.
2 Analog BW represents the −3 dB point relative to the input power level near DC. Limited by the on-chip balun response and the return loss of the PCB layout. Check
detailed specifications for operating at higher frequencies.
3 Actual output power level is limited by the maximum DAC sampling rate in the adjacent column due to sinc roll-off



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com