Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3422 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 2 Page - Linear Technology

  LTC3422 Datasheet HTML 1Page - Linear Technology LTC3422 Datasheet HTML 2Page - Linear Technology LTC3422 Datasheet HTML 3Page - Linear Technology LTC3422 Datasheet HTML 4Page - Linear Technology LTC3422 Datasheet HTML 5Page - Linear Technology LTC3422 Datasheet HTML 6Page - Linear Technology LTC3422 Datasheet HTML 7Page - Linear Technology LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3422
2
3422fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum VIN Start-Up Voltage
ILOAD < 1mA
0.88
1
V
Minimum VIN Operating Voltage
(Note 3)
●
0.5
V
Output Voltage Adjust Range
2.25
5.25
V
●
2.40
5.25
V
Feedback Voltage
● 1.192
1.216
1.240
V
Feedback Input Current
VFB = 1.216V
1
50
nA
Quiescent Current—Burst Mode Operation
VC = 0V (Note 4)
25
42
µA
Quiescent Current—Shutdown
SHDN = 0V, VOUT = 0V
0.1
1
µA
Quiescent Current—Active
VC = 0V (Note 4)
0.75
1.1
mA
NMOS Switch Leakage
0.1
5
µA
PMOS Switch Leakage
VOUT = 2V
0.1
10
µA
NMOS Switch On Resistance
VOUT = 3.3V
0.20
Ω
PMOS Switch On Resistance
VOUT = 3.3V
0.24
Ω
NMOS Current Limit—Steady State
●
1.5
A
NMOS Current Limit—Pulsed
Duty Cycle Not to Exceed 5%
2
2.5
A
NMOS Current Limit—Short Circuit
VOUT = 500mV, VIN = 2.5V
0.75
1.5
A
NMOS Burst Current Limit
600
mA
Maximum Duty Cycle
●
84
91
%
Minimum Duty Cycle
●
0%
Frequency
●
0.85
1
1.15
MHz
SYNC Input High
●
2.2
V
SYNC Input Low
●
0.8
V
SYNC Input Current
0.01
1
µA
VIN, VOUT, SYNC Voltages ........................... – 0.3V to 6V
FB, SS, BURST, SHDN Voltages ................ – 0.3V to 6V
SW Voltage
DC .......................................................... – 0.3V to 6V
Pulsed < 100ns ...................................... – 0.3V to 7V
Operating Temperature Range
(Notes 2, 5) ............................................. –40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC3422EDD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V, RT = 28k, unless otherwise noted. (Note 2)
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VOUT
SYNC
RT
VC
FB
SW
VIN
BURST
SS
SHDN
DD PART MARKING
LBRN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com