Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3422 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3422
Description  1.5A, 3MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3422 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3422 Datasheet HTML 2Page - Linear Technology LTC3422 Datasheet HTML 3Page - Linear Technology LTC3422 Datasheet HTML 4Page - Linear Technology LTC3422 Datasheet HTML 5Page - Linear Technology LTC3422 Datasheet HTML 6Page - Linear Technology LTC3422 Datasheet HTML 7Page - Linear Technology LTC3422 Datasheet HTML 8Page - Linear Technology LTC3422 Datasheet HTML 9Page - Linear Technology LTC3422 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3422
6
3422fa
PI FU CTIO S
SW (Pin 1): Switch Pin for the Inductor Connection.
Minimize trace length between SW and inductor. For
discontinuous inductor current, a controlled impedance is
internally connected from SW to VIN to eliminate high
frequency ringing, reducing EMI radiation.
VIN (Pin 2): Input Supply Voltage. Connect VIN to the input
supply and decouple with a 4.7
µF or larger ceramic
capacitor as close to VIN as possible.
BURST (Pin 3): Burst Mode Threshold Adjust. Automatic
Burst Mode Operation: A resistor/capacitor combination
from BURST to ground programs the average load current
at which automatic Burst Mode operation is exited, ac-
cording to the formula:
R
I
B
EXITBURST
=
12
where RB is in kΩ and IEXITBURST is in amps
C
CV
B
OUT
OUT
≥
•
,
64 000
where CB(MIN) and COUT are in µF.
Please refer to the Burst Mode Output Current Threshold
vs RBURST Typical Performance Chacteristic curves.
Note that during Burst Mode operation the peak inductor
current will be approximately 600mA and return to zero on each
cycle. In Burst Mode operation the frequency is variable,
providing a significant efficiency improvement at light loads.
The LTC3422 only allows Burst Mode operation to be entered
once VOUT exceeds approximately 2.2V.
Manually Implementing Burst Mode Operation: Ground
BURST to force Burst Mode operation or connect it to VOUT to
force fixed frequency PWM mode. Note that BURST must not
be pulled higher than VOUT.
SS (Pin 4): Soft-Start. Connect a capacitor from SS to ground to
set the soft-start time according to the formula:
t(ms) = CSS(µF) • 320
The nominal soft-start charging current is 2.4
µA. The active
range of SS is from 0.8V to 1.6V.
SHDN (Pin 5): Shutdown Input. Less than 250mV on SHDN
shuts down the LTC3422. Placing 1V or more on SHDN enables
the LTC3422. Once VOUT exceeds 2.2V, hysteresis is applied
to this pin (500nA exits the pin) allowing it to operate at a logic
high while the battery can drop to 500mV.
FB (Pin 6): Feedback Input to Error Amplifier. Connect the VOUT
to ground resistor divider tap here. The output voltage can be
adjusted from 2.25V to 5.25V according to the formula:
V
RR
R
OUT =
+
1 216
12
2
.•
VC (Pin 7): Error Amp Output. A frequency compensation
network is connected from VC to ground to compensate the
loop. See the section “Closing the Feedback Loop” for guide-
lines.
RT(Pin8):FrequencyAdjustInput.Connectaresistortoground
to program the oscillator frequency according to the formula:
f
R
OSC
T
=
28
where fOSC is in MHz and RT is in kΩ.
SYNC (Pin 9): Oscillator Synchronization Input. A clock pulse
width of 100ns to 2
µs is required to synchronize the internal
oscillator. If not used, SYNC should be grounded.
VOUT (Pin 10): Output of the synchronous rectifier and
bootstrapped power source for the LTC3422. A ceramic capaci-
tor of at least 10
µFisrequiredandshouldbelocatedascloseto
VOUT and the power ground plane as possible.
Exposed Pad (Pin 11): Signal and Power Ground for the
LTC3422. This pin MUST be soldered to the PCB ground plane
for electrical contact and rated thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com