Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT7204E Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT7204E
Description  High-Integration USB Multi-Protocol Controller with Rectification Detection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7204E Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT7204E Datasheet HTML 31Page - Richtek Technology Corporation RT7204E Datasheet HTML 32Page - Richtek Technology Corporation RT7204E Datasheet HTML 33Page - Richtek Technology Corporation RT7204E Datasheet HTML 34Page - Richtek Technology Corporation RT7204E Datasheet HTML 35Page - Richtek Technology Corporation RT7204E Datasheet HTML 36Page - Richtek Technology Corporation RT7204E Datasheet HTML 37Page - Richtek Technology Corporation RT7204E Datasheet HTML 38Page - Richtek Technology Corporation RT7204E Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
F
RT7204E
Copyright © 2024 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT7204E_DS-00
May 2024
www.richtek.com
35
VDD
t
USBP
t
5V
VVDD_ON
VBUS
t
IOUT
t
Power-saving
mode threshold
Debounce time to enter power-saving mode
Power-Saving
Mode
t
Blocking MOS
VGS threshold
tUSBP_SS
Figure 8. The Output Sequence during Start-Up
16.4
Output Voltage Rises and Falls
When the protocol is detected, the reference voltage VREF_CV can be set by the request of UFP. Both the rise time
and fall time of output voltages should be less than the defined specification, as shown in Figure 9.
VVDD
t
VREF_CV
5V
20V
0.5V
2.0V
Slope
(2V
– 0.5V) / trise
< trise
t
(a)
Output Voltage Rising
VVDD
5V
20V
0.5V
2.0V
Slope
(0.5V
– 2V) / tfall
IDD_DIS
tDIS_VDD (Programmable)
VREF_CV
< tfall
t
t
t
(b)
Output Voltage Falling
Figure 9. Output Voltage Transient Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com