| Electronic Components Datasheet Search |
|
RT7204E Datasheet(PDF) 37 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT7204E Datasheet(HTML) 37 Page - Richtek Technology Corporation |
|
37 / 45 page ![]() F RT7204E Copyright © 2024 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. RT7204E_DS-00 May 2024 www.richtek.com 37 For the typical protection behavior of shutdown with auto-recovery, the OPTO pin voltage will be latched low to limit the output power until the VDD voltage drops below the VDD turn-off threshold VVDD_OFF, as shown in Figure 12. After VDD is turned off, VOPTO is released and VDD will be automatically powered up again. VDD t tVDD_OVP VOPTO t VBUS t VVDD_OFF OV Hysteresis VVDD_ON VVOUT_OVP t Fault Flag Figure 12. Timing Sequence of the OVP Function 16.6 Blocking N-MOSFET Control The RT7204E provides a charge-pump driver for controlling an external blocking N-MOSFET, which is shown in Figure 13. The N-MOSFET is activated once the communication is set up with an UFP, or a sink termination resistor Rd at the CC1/CC2 pin of a USB Type-C connector is detected. The blocking N-MOSFET can be quickly turned off in the event of any fault condition. In the case of a VOUT overvoltage condition, the blocking N-MOSFET will be turned off to protect the UFP from potential damage. When VOUT is shorted to GND, the N-MOSFET will automatically turn off, and the output power will be limited. Additionally, to prevent the IO pins from damaging due to abnormal contact with VBUS at the USB Type-C receptacle, a quick-interruption feature is designed to turn off the blocking N-MOSFET. Control Fault VDD USBP VBUS VOUT Charge Pump Figure 13. Blocking N-MOSFET Control |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |