Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710200 Datasheet(PDF) 2 Page - AMI SEMICONDUCTOR

Part # AMIS-710200
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710200 Datasheet(HTML) 2 Page - AMI SEMICONDUCTOR

  AMIS-710200 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMIS-710200:200dpi CIS Module
Data Sheet
Figure 1: AMIS-710200 Block Diagram
Figure 2 shows a mechanical cross section of the module's internal structure. Mounted in the module is a number of components.
These components function together to provide the module a complete integrated system. The LED light bar illuminates the documents
through the window and reflection from the imaged documents is picked up and focused by the one-to-one graded indexed micro lens
array.
The lens, through the glass window, focuses the scanned images from the document onto the sensing plane of the sensor chips, which
is mounted on the PCB. During the imaging process, the document is passed across the glass window's surface.
The PCB not only has the sensor chips mounted on it, but it has an on-board amplifier, a clock buffer for both the start pulse (SP), and
the module's master clock (CP) buffer. This amplifier processes the pixel charges from the image sensor chips and converts them into
voltage signal to produce a sequential stream of video at the output pin of the AMIS-710200 module.
All these discussed components are housed in a small plastic housing which has a cover glass, the window. This housing with its
sealed windows protects the imaging array, the micro lens assembly and the LED light source from dust.
2
AMI Semiconductor – May 06, M-8-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com