Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710200 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-710200
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710200 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-710200 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710200 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AMIS-710200:200dpi CIS Module
Data Sheet
Figure 2: AMIS-710200 Cross Section
4.0 Pin Out Description
There is one connector located at the end of the module. The outline of the module in Figure 4 of the mechanical section illustrates the
connector location. With the module window facing down on flat surface, the viewer looking down on backside of the module and with
the connector's pins facing the viewer, the connector is located on the left hand end of the module. The connector is a 2.0mm dual 8-
pin row with a total of 16 pin connector, part # Berg 88054-X16. Its I/O designation is provided in Table 1. Pin number 1’s location is
indicated on the module outline. All of the odd pins are on the bottom row with Pin 1 on the edge closest to the end of the module. All
of the even pins are on the top row with Pin 2 located adjacent to Pin 1.
Table 1:I/O Designation
Pin Number
Symbol
Names and Functions
1, 2 , 4, & 8
Gnd
Ground; 0V
3
Vout
Analog video output
5 & 6
Vdd (+5V)
Positive power supply
7
SP
Start clock pulse
9 & 10
Vn (-5V to –12V)
Negative power supply
11 & 12
CP
Sampling clock pulse
13 & 14
GLED
Ground for the light source; 0V
15 & 16
VLED
Supply for the light source
3
AMI Semiconductor – May 06, M-8-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com