Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710207 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710207
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710207 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710207 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMIS-710207-A4: 200dpi CIS Module
Data Sheet
7.0 Electro-Optical Characteristics
The tabled values are measured at 25°C.
Table 4: Electro-Optical characteristics at 25°C
Parameter
Symbol
Typical
Units
Note
Number of photo detectors
1728
Elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
(1)
Tint
347
µsec
@ 5.0MHz clock frequency
Clock frequency
(2)
fclk
5.0
MHz
Bright output voltage
(3)
Vpavg
1.1
+0.2/-0.1
Volts
Bright output non-uniformity
(4)
Up
<|+/-30|
%
Adjacent pixel non-uniformity
(5)
Uadj
<25
%
Dark non-uniformity
(6)
Ud
<75
mV
Dark output voltage
(6)
Vd
<200
mV
Modulation transfer function
(7)
MTF
>40
%
Notes:
1.
Tint is the line scanning rate or integration time. Tint is determined by the interval of two start pulses, SP. The integration time of 347
µsec is set at the factory. For
additional comments, see Note (1) under Table 5.
2.
fclk: main clock frequency.
3.
Vpavg =
∑ Vp(n)/1728.
4.
Up = [(Vpmax - Vpavg) / Vpavg] x 100% or [(Vpavg - Vpmin) / Vpavg] x 100%, where Vpmax = maximum pixel amplitude in the line scan and Vpmin = minimum
pixel amplitude in the line scan.
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)) x 100%.
Upadj is the non-uniformity in percent between adjacent pixels, where Vp(n) is the n
th pixel in the line scan.
5.
Ud = Vdmax – Vdmin.
Vd = the average dark output level.
Vdmin is the minimum output on a black document (LED is turned off).
Vdmax: maximum output voltage of black document (LED is turned off).
6.
MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%].
Vmax: maximum output voltage at 50lp/in and Vmin: minimum output voltage at 50lp/in, where lp / in is the line pairs per inch.
4
AMI Semiconductor – May 06, M-20494-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com