Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710207 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710207
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710207 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710207 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710207 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMIS-710207-A4: 200dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710207-A4 (PI207MC-A4) contact image sensor (CIS) module uses MOS image sensor technology for high-speed
performance and high sensitivity. The AMIS-710207-A4 is suitable for scanning A4 size (216mm) documents with 8 dots per millimeter
(dpm) resolution. Applications include fax machines, game systems, a variety of mark readers, and other automation equipment
requiring document scanners.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• 8dpm resolution, 216mm scanning length
• Dual LED light source, IR and Red, with a line scan time to 347µsec @ 5MHz
• Wide dynamic range
• Analog output
• Compact size ≅ 14.5mm x 19.5mm x 232mm
• Low power
• Light weight
3.0 Functional Description
The AMIS-710207-A4 imaging array consists of 27 AMIS-720233 (PI3033B) sensors, produced by AMIS, that are cascaded to provide
1728 photo-detectors with their associated multiplex switches and a digital shift register that controls its sequential readout. Mounted in
the module is a one-to-one graded indexed micro lens array that focuses on the image of the scanned documents, then transfers it onto
the sensors. The on-board amplifier processes the video signal to produce a sequential stream of video at the output pin of the
AMIS-710207-A4 module.
Illumination is accomplished by means of integrated LED sources; Red (660nm) and IR (880nm). All components are housed in a small
plastic housing, which has a cover glass that acts as the focal point for the object being scanned. In addition, it protects the imaging
array, micro lens assembly and LED light source from dust. Inputs and outputs (I/O) to and from the module are by a 10-pin connector,
JAE 1L-Z-10P-S125L3-E, located on one end of the module. For the Pin 1 location, see Figure 4, overall view of the module house. A
cross section of the AMIS-710207-A4 module is shown in Figure 1 and a block diagram in Figure 2.
1
AMI Semiconductor – May 06, M-20494-001
www.amis.com


Similar Part No. - AMIS-710207

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710205 AMI-AMIS-710205 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710205-A4 AMI-AMIS-710205-A4 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710206-A4 AMI-AMIS-710206-A4 Datasheet
281Kb / 9P
200dpi CIS Modules
More results

Similar Description - AMIS-710207

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
200dpi CIS Module
AMIS-710226 AMI-AMIS-710226 Datasheet
224Kb / 7P
200dpi CIS Module
AMIS-710227 AMI-AMIS-710227 Datasheet
358Kb / 14P
200dpi CIS Module
AMIS-710251 AMI-AMIS-710251 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710252 AMI-AMIS-710252 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710256 AMI-AMIS-710256 Datasheet
231Kb / 7P
200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com