Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM32 Datasheet(PDF) 1 Page - Bi technologies

Part # HM32
Description  Current Sense Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM32 Datasheet(HTML) 1 Page - Bi technologies

  HM32 Datasheet HTML 1Page - Bi technologies HM32 Datasheet HTML 2Page - Bi technologies HM32 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-79
Model HM32 Series
APPLICATIONS
• Switching power supply
• Designed to detect AC currents and to supply the output for control circuitry
• Appliance
• Medical equipment
• Office equipment
• Frequency ranges 50kHz and above
MODEL HM32 SERIES
Current Sense
Transformers
FEATURES AND BENEFITS
• Cost effective design
• Complies with VDE safety requirements
• Excellent temperature characteristics
• Designed for switching supply applications
• Excellent linearity (current vs. output voltage)
• Custom designs available
Specifications subject to change without notice.
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-25°C to +105°C
Insulation System
Class B, 130°C
SCHEMATIC (FIGURE 1 & 2)
(1)
(4)
(2)
(3)


Similar Part No. - HM32

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3200 HMSEMI-HM3200 Datasheet
347Kb / 7P
adjustable charge pump circuit
HM3205 HMSEMI-HM3205 Datasheet
594Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM3205D HMSEMI-HM3205D Datasheet
864Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM3207 HMSEMI-HM3207 Datasheet
499Kb / 7P
N-Channel Enhancement Mode Power MOSFET
HM3207B HMSEMI-HM3207B Datasheet
609Kb / 7P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - HM32

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX Datasheet
14Kb / 1P
Current Sense Transformers
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
Current Sense Transformers
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
Current Sense Transformers
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com