Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM32 Datasheet(PDF) 2 Page - Bi technologies

Part # HM32
Description  Current Sense Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM32 Datasheet(HTML) 2 Page - Bi technologies

  HM32 Datasheet HTML 1Page - Bi technologies HM32 Datasheet HTML 2Page - Bi technologies HM32 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-80
Model HM32 Series
Secondary
Secondary
Inductance
DC
Part
Turns
@ 10 kHz
Resistance
Primary
Core
Secondary
Number
N1:N2
mH Min.
Ω Max.
Figure
Amps Max.
Style
V-µS Max.
HM32-10010
1:10
0.2
0.2
1
3
Toroid
67
HM32-10050
1:50
5.0
0.7
1
3
Toroid
330
HM32-10100
1:100
20.0
1.4
1
3
Toroid
660
HM32-10200
1:200
85.0
4.5
1
3
Toroid
1,300
HM32-20050
1:50
5.0
0.7
2
3
Toroid
330
HM32-20100
1:100
20.0
1.4
2
3
Toroid
660
HM32-22100
2:100
20.0
1.4
2
3
Toroid
660
HM32-20200
1:200
85.0
4.5
2
3
Toroid
1,300
SPECIFICATIONS
FIGURE 1 (Inch/mm)
.80
20.5
.68
17.3
Max.
.122
3.10
.700
±.010
17.78
±0.25
Max.
4.5
11.5
Max.
Min.
.350
8.89
.025
.635
Sq. Typical
(1)
(4)
(2)
(3)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com