Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710239 Datasheet(PDF) 4 Page - AMI SEMICONDUCTOR

Part # AMIS-710239
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710239 Datasheet(HTML) 4 Page - AMI SEMICONDUCTOR

  AMIS-710239 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMIS-710239-A3: 200dpi CIS Module
Data Sheet
6.0 Electro-Optical Characteristics (25
°C)
Table 4: Electro-optical characteristics at 25°C.
Parameter
Symbol
Parameter
Units
Note
Number of photo detectors
2432
Elements
Pixel-to-pixel spacing
125
µm
Line scanning rate
Tint
(1)
490
µsec
@ 5MHz clock frequency
Clock frequency
(2)
f
5
MHz
Bright output voltage
(3)
Video output
1.0 +/- 0.1
V
@ Tint=490us
Bright output non-uniformity
(4)
Up
<+/-30
%
Adjacent pixel non-uniformity
(5)
Uadj
<25
%
Dark non-uniformity
(6)
Ud
<100
mV
Dark output voltage
Vd
<200
mV
Modulation transfer function
(7)
MTF
>50
%
See Note 7 for MTF & DOF
Notes:
(1)
Tint: line scanning rate or integration time. Tint is determined by the interval of two start pulses (SP). The module shall be tested at 490us, but it will operate to us
with a clocking speed of 5.0MHz.
(2)
f: main clock frequency. The module was tested at 5.0MHz, but electrically it reliably operates above 5.0MHz.
(3)
Vpavg =
∑ Vp(n)/2432
(4)
Up = [(Vpmax - Vp) / Vp] x 100% or [(Vp - Vpmin) / Vp] x 100%
(5)
Upadj = MAX[ | (Vp(n) - Vp(n+l) | / Vp(n)] x 100%
Upadj is the non-uniformity percentage pixel to pixel
(6)
(6) Ud = Vdmax – Vdmin
Vdmin is the minimum output on a black document (O.D. = 0.8)
(7)
Vdmax: maximum output voltage on a black document (O.D. = 0.8)
(7) MTF = [(Vmax - Vmin) / (Vmax + Vmin)] x 100 [%]. The DOF range is defined with the MTF. MTF is a measure at the glass surface and at 0.4mm from the
glass > 50 percent and peaks at approximately a mid-point of 0.2mm.
Vmax: maximum output voltage at 50lp/inch (at 1/2 of the optical Nyquest frequency)
Vmin: minimum output voltage at 50lp/inch
(8)
O.D. = optical density
(9)
lp / inch: line pair per inch
7.0 Recommended Operating Conditions (25
°C)
Table 5: Recommended Operating Conditions at 25
oC
Item
Symbol
Min.
Mean
(1)
Max.
Units
Vdd
4.5
5.0
5.5
V
Vn.
-4.5
-5
-12
V
VLED
4.5
5
5.5
V
Idd
66
76
86
ma
In
5
10
15
ma
Power supply
ILED
550
800
1200
ma
Input voltage at digital high
Vih
Vdd-1.0
Vdd-0.5
Vdd
V
Input voltage at digital low
Vil
0
0.6
V
Clock frequency
f
5.0
(2)
5.5
MHz
Clock pulse high duty cycle
25
%
Clock pulse high duration
50
ns
Integration time
Tint
(3)
490
5000
µs
Operating temperature
Top
25
50
°C
Notes:
(1)
Will be tested at 5.0MHz and 490us.
(2)
Will be used as a test for typical value.
(3)
Proposed tint (min.) is the lowest line integration time available at a 5.5MHz clock rate.
4
AMI Semiconductor – Aug. 06, M-20610-001
www.amis.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com