Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-710239 Datasheet(PDF) 1 Page - AMI SEMICONDUCTOR

Part # AMIS-710239
Description  200dpi CIS Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-710239 Datasheet(HTML) 1 Page - AMI SEMICONDUCTOR

  AMIS-710239 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-710239 Datasheet HTML 7Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AMIS-710239-A3: 200dpi CIS Module
Data Sheet
1.0 General Description
The AMIS-710239-A3 (PI239MC-A3-R) is a contact image sensor (CIS) module. It is a long contact image sensor, which uses MOS
image sensor technology for high speed performance. The AMIS-710239-A3 is suitable for scanning A3 size (307mm) documents with
eight dots per millimeter (dpm) resolution. Hence, there are 38 AMIS-720233 (PI3033B) image sensors in the module, providing a total
of 2432 pixels in a sequence. The sensors are 200 dots per inch (dpi) solid-state line imaging array, also a product of AMI
Semiconductor. Applications include document scanners, mark readers and other office automation equipment.
2.0 Key Features
• Light source, lens and sensor are integrated into a single module
• 8dpm resolution, 307mm scanning read length
• High speed page scan - up to 490µsec/line @ 5MHz pixel rate
• Wide dynamic range
• One analog output
• Super super Red (630nm) LED light source
• Compact size ≅ 20.5mm x 21.5mm x 324mm
• Low power
• Light weight
3.0 Functional Description
The AMIS-710239-A3 imaging array consists of 38 sensor chips in the module, which are sequentially cascaded to provide 2432 photo-
detectors with their associated multiplex switches and a digital shift register, which controls its sequential readout. Mounted in the
module is a one-to-one graded indexed micro lens array, which focuses the scanned documents to image onto its sensing plane. The
on-board amplifier processes the video signal to produce a sequential stream of video at the video output pin.
Illumination is accomplished by means of an integrated LED light source. All components are housed in a small plastic housing which
has a cover glass acting as the focal point for the object being scanned and protects the imaging array, micro lens assembly and LED
light source from dust. I/O to the module is the 10-pin connector, located on one end of the module. The cross section of the AMIS-
710239-A3 is shown in Figure 1 and the block diagram in Figure 2.
1
AMI Semiconductor – Aug. 06, M-20610-001
www.amis.com


Similar Part No. - AMIS-710239

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710205 AMI-AMIS-710205 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710205-A4 AMI-AMIS-710205-A4 Datasheet
281Kb / 9P
200dpi CIS Modules
AMIS-710206-A4 AMI-AMIS-710206-A4 Datasheet
281Kb / 9P
200dpi CIS Modules
More results

Similar Description - AMIS-710239

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-710200 AMI-AMIS-710200 Datasheet
230Kb / 7P
200dpi CIS Module
AMIS-710201 AMI-AMIS-710201 Datasheet
293Kb / 7P
200dpi CIS Module
AMIS-710208 AMI-AMIS-710208 Datasheet
297Kb / 8P
200dpi CIS Module
AMIS-710223 AMI-AMIS-710223 Datasheet
221Kb / 7P
200dpi CIS Module
AMIS-710224 AMI-AMIS-710224 Datasheet
219Kb / 7P
200dpi CIS Module
AMIS-710226 AMI-AMIS-710226 Datasheet
224Kb / 7P
200dpi CIS Module
AMIS-710227 AMI-AMIS-710227 Datasheet
358Kb / 14P
200dpi CIS Module
AMIS-710251 AMI-AMIS-710251 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710252 AMI-AMIS-710252 Datasheet
213Kb / 6P
200dpi CIS Module
AMIS-710256 AMI-AMIS-710256 Datasheet
231Kb / 7P
200dpi CIS Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com