Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1563 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA1563
Description  2 x 25 W high efficiency car radio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA1563 Datasheet HTML 9Page - NXP Semiconductors TDA1563 Datasheet HTML 10Page - NXP Semiconductors TDA1563 Datasheet HTML 11Page - NXP Semiconductors TDA1563 Datasheet HTML 12Page - NXP Semiconductors TDA1563 Datasheet HTML 13Page - NXP Semiconductors TDA1563 Datasheet HTML 14Page - NXP Semiconductors TDA1563 Datasheet HTML 15Page - NXP Semiconductors TDA1563 Datasheet HTML 16Page - NXP Semiconductors TDA1563 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
2000 Feb 09
13
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
handbook, full pagewidth
76.20
35.56
MGR190
Vp
GND
2
× 25 W high efficiency
1
µF
1
17
Out2
Out1
In1
In2
220 nF
220 nF
220 nF
Fig.9 PCB layout (soldering side) for the application of Fig.7.
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com