Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1563 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA1563
Description  2 x 25 W high efficiency car radio power amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1563 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA1563 Datasheet HTML 22Page - NXP Semiconductors TDA1563 Datasheet HTML 23Page - NXP Semiconductors TDA1563 Datasheet HTML 24Page - NXP Semiconductors TDA1563 Datasheet HTML 25Page - NXP Semiconductors TDA1563 Datasheet HTML 26Page - NXP Semiconductors TDA1563 Datasheet HTML 27Page - NXP Semiconductors TDA1563 Datasheet HTML 28Page - NXP Semiconductors TDA1563 Datasheet HTML 29Page - NXP Semiconductors TDA1563 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
2000 Feb 09
26
Philips Semiconductors
Product specification
2
× 25 W high efficiency car radio power
amplifier
TDA1563Q
8, 10
OUT1+, OUT2
−
12
SC
14, 15
PROT, CLIP
PIN
NAME
EQUIVALENT CIRCUIT
MGR186
4
VP1, VP2
8, 10
MGR187
12
VP2
MGR188
14, 15
VP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com